Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 54 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 54 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
54
Figure 27 DC Servo Block Diagram
DC SERVO STARTUP OPERATION
The DC servo contains automatic control circuitry and can be configured using individual register
writes.
The DC servo can also be configured by starting a sequence using the control write sequencer (see
“Control Write Sequencer” section). Starting the pre-defined sequence from line 0 of the control write
sequencer configures the DC servo by default.
The basic startup operation of the DC servo, for example for HP_R, is to
1.
Enable the DC Servo operation on the HP_R output by configuring R61[3],
DCS_ENA_CHAN_HPR. (The HP_L, INR/L have similar enables).
2.
Trigger
a
start
up
sequence
for
the
HP_R
by
configuring
R61[2]
DCS_TRIG_STARTUP_HPR (The HP_L, INR/L have similar start up sequence enables).
Additionally, to enable the DC servo for L/RINPUT, the headphone charge pump must be enabled
(CP_ENA = 1) and MCLK must be applied.
Note that it is recommended to perform a calibration of the DC Servo input channel before using the
Input PGA Zero Cross Detector.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R60 (3Ch)
DC Servo 1
7
DCS_ENA_CHAN_INL
0
DC Servo enabled on channel INL
6
DCS_TRIG_STARTUP_INL
0
Perform startup sequence on channel INL*see note
1
3
DCS_ENA_CHAN_INR
0
DC Servo enabled on channel INR
2
DCS_TRIG_STARTUP_INR
0
Perform startup sequence on channel INR *see
note 1
R61 (3Dh)
DC Servo 1
7
DCS_ENA_CHAN_HPL
0
DC Servo enabled on channel HPL
6
DCS_TRIG_STARTUP_HPL
0
Perform startup sequence on channel HPL *see
note 1
3
DCS_ENA_CHAN_HPR
0
DC Servo enabled on channel HPR
2
DCS_TRIG_STARTUP_HPR
0
Perform startup sequence on channel HPR *see
note 1
Table 37 DC Servo Enable and Start-up Configuration
Note:
1. The “startup” bits are automatically reset to ‘0’ after 1 clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com