Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
46
HEADPHONE PLAYBACK MODES
Headphone playback can be optimised for lowest power or best SNR, depending on the application
requirements.
STANDARD MODE
Headphone playback with the best compromise between performance and power consumption can be
enabled using the default DAC to Headphone Playback power on sequence as implemented at control
write sequencer address 0, as detailed in “Control Write Sequencer”.
LOW POWER MODE
Headphone playback optimised for lower power consumption can be enabled. This results in a very
slight reduction in headphone driver performance.
The register setting listed in Table 32 can be added to the power up sequence in order to implement
this mode. Note that this register setting must take place before the charge pump is enabled. See the
“Charge Pump” section. If the write sequencer is used to configure the DAC to HP path, this register
write must take place before the write sequencer is enabled and triggered.
REGISTER
ADDRESS
BITS
LABEL
SETTING
DESCRIPTION
R82 (52h)
Charge
Pump B
1:0
CP_DYN_PWR[1:0]
11
Enable dynamic (Class W) power
saving
Table 32 Low Power Headphone Playback
SNR OPTIMISED MODE
Headphone playback optimised for best Signal to Noise Ratio (SNR) can be enabled, resulting in a
slight increase in power consumption.
The register settings listed in Table 33 can be added at the start of the power up sequence in order to
implement this mode. The LOUT1VOL and ROUT1VOL settings may require adjustment due to the
additional attenuation of HPL_VOL[2:0] and HPR_VOL[2:0].
To partly offset the increase in power consumption due to selecting “SNR Optimised mode”, it is
recommended to select Dynamic (Classs W) power saving) using CP_DYN_PWR=11. This saves
power but only slightly impacts THD + noise performance.
REGISTER
ADDRESS
BITS
LABEL
SETTING
DESCRIPTION
R30 (1Eh)
Clocking 3
0
MANUAL_MODE
0
Automatic configuration of system
clock dividers. Excludes master
mode audio interface clocks.
R6 (06h)
ADC & DAC
Control 2
0
DAC_OSR128
1
Automatically configure DACDIV[2:0]
for 128OSR mode. This will give a
SNR improvement at the expense of
power
R71 (47h)
Analogue HP 2
8:6
HPL_VOL[2:0]
000
Secondary HPL PGA Volume -7dB
5:3
HPR_VOL[2:0]
000
Secondary HPR PGA Volume -7dB
2:0
HP_BIAS_BOOST[2:0]
000
Boost bias into headphone driver x2
R68 (44h)
Analogue PGA
Bias
2:0
HP_PGAS_BIAS[2:0]
000
Headphone PGA bias x 2
R82 (52h) Charge
Pump B
1:0
CP_DYN_PWR[1:0]
11
Enable dynamic (Class W) power
saving
Table 33 Low Power Headphone Playback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com