Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
62
Figure 37 DSP Mode Audio Interface (mode B, LRP=0, Slave)
DIGITAL AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised in
Table 44. MS selects audio interface operation in master or slave mode. In Master mode BCLK and
LRC are outputs. The frequency of LRC is set by LRCLK_RATE and BCLK is set by the bits BCLKDIV
(See “Clocking and Sample Rates”). In Slave mode BCLK and LRC are inputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Digital Audio
Interface
Format
8
ALRSWAP
0
Left/Right ADC channel swap
1 = Swap left and right ADC data in
audio interface
0 = Output left and right data as normal
7
BCLKINV
0
BCLK invert bit (for master and slave
modes)
0 = BCLK not inverted
1 = BCLK inverted
6
MS
0
Master / Slave Mode Control
0 = Enable slave mode
1 = Enable master mode
5
DLRSWAP
0
Left/Right DAC Channel Swap
0 = Output left and right data as normal
1 = Swap left and right DAC data in
audio interface
4
LRP
0
Right, left and I
2S modes – LRC polarity
0 = normal LRC polarity
1 = invert LRC polarity
DSP Mode – mode A/B select
0 = MSB is available on 2
nd BCLK rising
edge after LRC rising edge (mode A)
1 = MSB is available on 1
st BCLK rising
edge after LRC rising edge (mode B)
3:2
WL[1:0]
10
Audio Data Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
1:0
FORMAT[1:0]
10
Audio Data Format Select
00 = Right justified
01 = Left justified
10 = I
2S Format
11 = DSP Mode
Table 44 Audio Data Format Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com