Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
75
EXAMPLE SAMPLE RATE CONFIGURATIONS
Using the registers shown in Table 51, some example ADCDIV and DACDIV settings have been
calculated and detailed in Table 52 for various sample rates and SYSCLKs.
ADC /
DAC
SAMPLE
RATE
(kHz)
RECOMMENDED
SYSCLK
(MHZ)
DACDIV
ADCDIV
48
12.288
100 => DAC clk = 12.288 MHz/4.0 = 3.072MHz (=64fs)
000 => 256fs = 12.288 MHz/1.0 =12.288 MHz
32
8.192
100 => DAC clk = 8.192 MHz/4.0 = 2.048MHz (=64fs)
000 => 256fs = 8.192 MHz/1.0 = 8.192 MHz
24
6.144
010 => DAC clk = 6.144 MHz/2.0 = 3.072MHz (=128fs)
000 => 256fs = 6.144 MHz/ 1.0 = 6.144 MHz
12
3.072
000 => DAC clk = 3.072 MHz/1.0 = 3.072MHz (=256fs)
000 => 256fs = 3.072 MHz/ 1.0 = 3.072 MHz
44.1
11.2896
100 => DAC clk = 11.2896MHz/4.0 = 2.8224MHz (=64fs)
000 => 256fs = 11.2896MHz/1.0 =11.2896MHz
22.05
5.6448
010 => DAC clk = 5.6448 MHz/2.0 = 2.8224MHz (=128fs)
000 => 256fs = 5.6448 MHz/1.0 =5.6448 MHz
8
3.072
000 => DAC clk = 3.072 MHz/1.0 = 3.072MHz (=384fs)
000 => 256fs = 3.072 MHz/ 1.0 = 3.072 MHz
Table 55 ADC and DAC Recommended DACDIV and ADCDIV Configuration
If only the DAC is being used (ADC not used) then the SYSCLK can be reduced to save power. This
is shown in Table 56.
DAC SAMPLE RATE (kHz)
RECOMMENDED SYSCLK
(MHZ)
DACDIV
48
3.072
000 => DAC clk = 3.072 MHz /1.0 = 3.072 MHz
(=64fs)
32
2.048
000 => DAC clk = 2.048 MHz/1.0 = 2.048 MHz
(=64fs)
24
3.072
000 => DAC clk = 3.072 MHz/1.0 = 3.072 MHz
(=128fs)
12
3.072
000 => DAC clk = 3.072 MHz/1.0 = 3.072 MHz
(=256fs)
44.1
2.8224
000 => DAC clk = 2.8224 MHz/1.0 = 2.8224
MHz (=64fs)
22.05
2.8224
000 => DAC clk = 2.8224 MHz/1.0 =
2.8224MHz (=128fs)
8
3.072
000 => DAC clk = 3.072 MHz/1.0 = 3.072MHz
(=384fs)
Table 56 Recommended DACDIV Configuration for DAC Playback Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com