Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961GEFL/V Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8961GEFL/V
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961GEFL/V Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8961GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8961GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
53
Write Left
Volume
Update
bit = 0
Write
Right
Volume
Update
bit = 1
Left PGA Input
Right PGA Input
Control Interface
Time
Left PGA Output
Right PGA Output
Write Right PGA Volume
with update
Write Left PGA Volume
without update
Timeout Counter
Timeout causes
volume update
Zero crossing causes
volume update
No zero crossing
TIMEOUT
Figure 26 Volume Update after Timeout
DC SERVO
The DC servo reduces any DC offset from the ground referenced headphone output and the output of
the microphone boost stage. The operation of the DC servo ensures that these outputs remain within
1.5mV of ground when enabled.
On the input stage the DC servo is used to null any DC offset at the input of the ADC (boost stage
output). This optimises the zero cross detection, particularly when using ALC. The DC servo is
referenced to the charge pump references VPOS and VNEG hence in order to permit the DC servo to
be used when recording, the headphone charge pump must be enabled (CP_ENA = 1) and MCLK
must be applied, see “Charge Pump” section. If the charge pump is not enabled or MCLK is not
supplied, large offsets will be present within the Input Path and the zero cross function may not
operate.
On the output stage the DC servo is used to null DC offsets at the headphone outputs. This results in
reduced power consumption since any deviation from ground at the output pin results in a DC current
flow through the load. Additionally, removal of DC offsets at these outputs helps to significantly reduce
pops and clicks at power up and down.
A block diagram of the DC Servo is shown in Figure 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com