Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM552B11H102KA01D Datasheet(PDF) 197 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 197 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 193Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 194Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 195Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 196Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 197Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 198Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 199Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 200Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 201Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 221 page
background image
Safety Standard Certified Type GC/GD/GF/GB Specifications and Test Methods
Continued on the following page.
*1 "Room condition" Temperature: 15 to 35
D, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
*2 "C" expresses nominal capacitance value (pF).
Solder the capacitor to the testing jig (glass epoxy board) shown
in Fig. 1.
Then apply 10N force in the direction of the arrow. The soldering
should be done using the reflow method and should be
conducted with care so that the soldering is uniform and free of
defects such as heat shock.
Fig. 1
11
Adhesive Strength
of Termination
No removal of the terminations or other defect should occur.
As in Fig., discharge is made 50 times at 5 sec. intervals from
the capacitor (Cd) charged at DC voltage of specified.
Ct: Capacitor under test
Cd: 0.001
µF
R1: 1,000
Ω R2: 100MΩ R3: Surge resistance
10
Discharge
Test
(Application:
Type GC)
Appearance
No defects or abnormalities
I.R.
More than 1,000M
Dielectric
Strength
In accordance with item No.4
The capacitance measurement should be made at each step
specified in the Table.
SL char. :
The capacitance should be measured at even 85
D between step
3 and step 4.
#Pretreatment for X7R char.
Perform a heat treatment at 150
W 0
Y10
D for 60T5 min. and then
let sit for 24
T2 hrs. at room condition.*1
9
Capacitance
Temperature
Characteristics
Temperature characteristic guarantee is
Y55 to W125D
Temperature characteristic guarantee is
W20 to W85D
8
Dissipation
Factor (D.F.)
Q
The capacitance/Q/D.F. should be measured at a frequency of
1
T0.2kHz (SL char.: 1T0.2MHz) and a voltage of
AC1
T0.2V (r.m.s.)
7
Capacitance
Within the specified tolerance
The insulation resistance should be measured with DC500
T50V
and within 60
T5 sec. of charging.
6
Insulation Resistance
(I.R.)
More than 6,000M
10 impulses of alternating polarity are subjected.
(5 impulses for each polarity)
The interval between impulses is 60 sec.
Applied Pulse: 1.2/50
µs
Applied Voltage: 2.5kVo-p
5
Pulse Voltage
(Application: Type
GD/GF)
No self healing breakdowns or flash-overs have taken place in
the capacitor.
No failure should be observed when voltage in the table is
applied between the terminations for 60
T1 sec., provided the
charge/discharge current is less than 50mA.
4
Dielectric Strength
No defects or abnormalities
Using calipers and micrometers
3
Dimensions
Within the specified dimensions
Visual inspection
2
Appearance
No defects or abnormalities
Y
1
Operating
Temperature Range
Y55 to W125D
No.
Test Method
Specifications
Item
Test Voltage
DC1075V
AC1500V (r.m.s.)
AC2000V (r.m.s.)
Type GB
Type GC/GD
Type GF
Char.
Specification
D.F.
V0.025
Q
U400W20C*2 (CF30pF)
Q
U1000
(C
U30pF)
X7R
SL
Char.
Capacitance Change
Within
T15%
X7R
Char.
Temperature Coefficient
W350 to Y1000ppm/D
SL
Step
Temperature (
D)
25
T2 (20T2 for SL char.)
Min. Operating Temp.
T3
25
T2 (20T2 for SL char.)
Max. Operating Temp.
T2
25
T2 (20T2 for SL char.)
1
2
3
4
5
10N, 10
T1s
Glass Epoxy Board
R3
R1
R2
Ct
Cd
10kV
V
GA3 Series Specifications and Test Methods
196
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com