| Electronic Components Datasheet Search |
|
ADSP-BF607 Datasheet(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-BF607 Datasheet(HTML) 49 Page - Analog Devices |
|
49 / 112 page ![]() Rev. 0 | Page 49 of 112 | June 2013 ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609 SMC0_D06 I/O A wk wk none wk none VDD_EXT Desc: SMC0 Data 6. Notes: No notes. SMC0_D07 I/O A wk wk none wk none VDD_EXT Desc: SMC0 Data 7. Notes: No notes. SMC0_D08 I/O A wk wk none wk none VDD_EXT Desc: SMC0 Data 8. Notes: No notes. SMC0_D09 I/O A wk wk none wk none VDD_EXT Desc: SMC0 Data 9. Notes: No notes. SMC0_D10 I/O A wk wk none wk none VDD_EXT Desc: SMC0 Data 10. Notes: No notes. SMC0_D11 I/O A wk wk none wk none VDD_EXT Desc: SMC0 Data 11. Notes: No notes. SMC0_D12 I/O A wk wk none wk none VDD_EXT Desc: SMC0 Data 12. Notes: No notes. SMC0_D13 I/O A wk wk none wk none VDD_EXT Desc: SMC0 Data 13. Notes: No notes. SMC0_D14 I/O A wk wk none wk none VDD_EXT Desc: SMC0 Data 14. Notes: No notes. SMC0_D15 I/O A wk wk none wk none VDD_EXT Desc: SMC0 Data 15. Notes: No notes. SYS_BMODE0 I/O na none none none none none VDD_EXT Desc: SYS Boot Mode Control 0. Notes: No notes. SYS_BMODE1 I/O na none none none none none VDD_EXT Desc: SYS Boot Mode Control 1. Notes: No notes. SYS_BMODE2 I/O na none none none none none VDD_EXT Desc: SYS Boot Mode Control 2. Notes: No notes. SYS_CLKIN a na none none none none none VDD_EXT Desc: SYS Clock Input/Crystal Input. Notes: Active during reset. SYS_CLKOUT I/O A none none L none none VDD_EXT Desc: SYS Processor Clock Output. Notes: No notes. SYS_EXTWAKE I/O A none none H none L VDD_EXT Desc: SYS External Wake Control. Notes: Drives low during hibernate and high all other times. SYS_FAULT I/O A none none none none none VDD_EXT Desc: SYS Fault. Notes: Open source, requires an external pull-down resistor. SYS_FAULT I/O A none none none none none VDD_EXT Desc: SYS Complementary Fault. Notes: Open drain, requires an external pull-up resistor. SYS_HWRST I/O na none none none none none VDD_EXT Desc: SYS Processor Hardware Reset Control. Notes: Active during reset. SYS_NMI_ RESOUT I/O A none none L none none VDD_EXT Desc: SYS Reset Output | SYS Non- maskable Interrupt. Notes: Requires an external pull-up resistor. Table 15. ADSP-BF60x Designer Quick Reference (Continued) Signal Name Type Driver Type Int Term Reset Term Reset Drive Hiber Term Hiber Drive Power Domain Description and Notes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |