Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF607 Datasheet(PDF) 91 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 87Page - Analog Devices ADSP-BF607 Datasheet HTML 88Page - Analog Devices ADSP-BF607 Datasheet HTML 89Page - Analog Devices ADSP-BF607 Datasheet HTML 90Page - Analog Devices ADSP-BF607 Datasheet HTML 91Page - Analog Devices ADSP-BF607 Datasheet HTML 92Page - Analog Devices ADSP-BF607 Datasheet HTML 93Page - Analog Devices ADSP-BF607 Datasheet HTML 94Page - Analog Devices ADSP-BF607 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 112 page
background image
Rev. 0
|
Page 91 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
General-Purpose Port Timing
Table 57 and Figure 44 describe general-purpose 
port operations.
Timer Cycle Timing
Table 58 and Figure 45 describe timer expired operations. The
input signal is asynchronous in “width capture mode” and
“external clock mode” and has an absolute maximum input fre-
quency of (fSCLK0/4) MHz. The Period Value value is the timer
period assigned in the TMx_TMRn_PER register and can range
from 2 to 232 – 1.
Table 57. General-Purpose Port Timing
VDD_EXT
1.8 V/3.3 V Nominal
Parameter
Min
Max
Unit
Timing Requirement
tWFI
General-Purpose Port Pin Input Pulse Width
2 × tSCLK0
ns
Figure 44. General-Purpose Port Timing
GPIO INPUT
tWFI
Table 58. Timer Cycle Timing
Parameter
VDD_EXT
1.8V Nominal
VDD_EXT
3.3 V Nominal
Min
Max
Min
Max
Unit
Timing Requirements
tWL
Timer Pulse Width Input Low (Measured In
SCLK0 Cycles)
1
2 × tSCLK0
2 × tSCLK0
ns
tWH
Timer Pulse Width Input High (Measured In
SCLK0 Cycles)
1
2 × tSCLK0
2 × tSCLK0
ns
Switching Characteristics
tHTO
Timer Pulse Width Output (Measured In
SCLK0 Cycles)
tSCLK0 × Period
Value
tSCLK0 × Period
Value
tSCLK0 × Period
Value
tSCLK0 × Period
Value
ns
1 The minimum pulse widths apply for TMx signals in width capture and external clock modes.
Figure 45. Timer Cycle Timing
TMR OUTPUT
TMR INPUT
tWH, tWL
tHTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com