Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF607 Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 5Page - Analog Devices ADSP-BF607 Datasheet HTML 6Page - Analog Devices ADSP-BF607 Datasheet HTML 7Page - Analog Devices ADSP-BF607 Datasheet HTML 8Page - Analog Devices ADSP-BF607 Datasheet HTML 9Page - Analog Devices ADSP-BF607 Datasheet HTML 10Page - Analog Devices ADSP-BF607 Datasheet HTML 11Page - Analog Devices ADSP-BF607 Datasheet HTML 12Page - Analog Devices ADSP-BF607 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
Rev. 0
|
Page 9 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
Internal (Core-Accessible) Memory
The L1 memory system is the highest-performance memory
available to the Blackfin processor cores.
Each core has its own private L1 memory. The modified Har-
vard architecture supports two concurrent 32-bit data accesses
along with an instruction fetch at full processor speed which
provides high bandwidth processor performance. In each core a
64K-byte block of data memory partners with an 80K-byte
memory block for instruction storage. Each data block is multi-
banked for efficient data exchange through DMA and can be
configured as SRAM. Alternatively, 16K bytes of each block can
be configured in L1 cache mode. The four-way set-associative
instruction cache and the 2 two-way set-associative data caches
greatly accelerate memory access performance, especially when
accessing external memories.
The L1 memory domain also features a 4K-byte scratchpad
SRAM block which is ideal for storing local variables and the
software stack. All L1 memory is protected by a multi-parity bit
concept, regardless of whether the memory is operating in
SRAM or cache mode.
Outside of the L1 domain, L2 and L3 memories are arranged
using a Von Neumann topology. The L2 memory domain is a
unified instruction and data memory and can hold any mixture
of code and data required by the system design. The L2 memory
domain is accessible by both Blackfin cores through a dedicated
64-bit interface. It operates at SYSCLK frequency.
The processor features up to 256K bytes of L2 SRAM which is
ECC-protected and organized in eight banks. Individual banks
can be made private to any of the cores or the DMA subsystem.
There is also a 32K-byte single-bank ROM in the L2 domain. It
contains boot code and safety functions.
Static Memory Controller (SMC)
The SMC can be programmed to control up to four banks of
external memories or memory-mapped devices, with very flexi-
ble timing parameters. Each bank occupies a 64M byte segment
regardless of the size of the device used, so that these banks are
only contiguous if each is fully populated with 64M bytes of
memory.
Dynamic Memory Controller (DMC)
The DMC includes a controller that supports JESD79-2E com-
patible double data rate (DDR2) SDRAM and JESD209A low
power DDR (LPDDR) SDRAM devices.
I/O Memory Space
The processor does not define a separate I/O space. All
resources are mapped through the flat 32-bit address space. On-
chip I/O devices have their control registers mapped into mem-
ory-mapped registers (MMRs) at addresses near the top of the
4G byte address space. These are separated into two smaller
blocks, one which contains the control MMRs for all core func-
tions, and the other which contains the registers needed for
setup and control of the on-chip peripherals outside of the core.
The MMRs are accessible only in supervisor mode and appear
as reserved space to on-chip peripherals.
Booting
The processor has several mechanisms for automatically loading
internal and external memory after a reset. The boot mode is
defined by the SYS_BMODE input pins dedicated for this pur-
pose. There are two categories of boot modes. In master boot
modes, the processor actively loads data from parallel or serial
memories. In slave boot modes, the processor receives data
from external host devices.
The boot modes are shown in Table 2. These modes are imple-
mented by the SYS_BMODE bits of the reset configuration
register and are sampled during power-on resets and software-
initiated resets.
VIDEO SUBSYSTEM
The following sections describe the components of the proces-
sor’s video subsystem. These blocks are shown with blue
shading in Figure 1 on Page 1.
Video Interconnect (VID)
The Video Interconnect provides a connectivity matrix that
interconnects the Video Subsystem: three PPIs, the PIXC, and
the PVP. The interconnect uses a protocol to manage data
transfer among these video peripherals.
Pipelined Vision Processor (PVP)
The PVP engine provides hardware implementation of signal
and image processing algorithms that are required for 
co-processing and pre-processing of monochrome video frames
in ADAS applications, robotic systems, and other machine
applications.
The PVP works in conjunction with the Blackfin cores. It is
optimized for convolution and wavelet based object detection
and classification, and tracking and verification algorithms. The
PVP has the following processing blocks.
• Four 5 × 5 16-bit convolution blocks optionally followed by
down scaling
• A 16-bit cartesian-to-polar coordinate conversion block
• A pixel edge classifier that supports 1st and 2nd derivative
modes
• An arithmetic unit with 32-bit addition, multiply and
divide
Table 2. Boot Modes
SYS_BMODE Setting Boot Mode
000
No boot/Idle
001
Memory
010
RSI0 Master
011
SPI0 Master
100
SPI0 Slave
101
Reserved
110
LP0 Slave
111
UART0 Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com