Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF607 Datasheet(PDF) 58 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 54Page - Analog Devices ADSP-BF607 Datasheet HTML 55Page - Analog Devices ADSP-BF607 Datasheet HTML 56Page - Analog Devices ADSP-BF607 Datasheet HTML 57Page - Analog Devices ADSP-BF607 Datasheet HTML 58Page - Analog Devices ADSP-BF607 Datasheet HTML 59Page - Analog Devices ADSP-BF607 Datasheet HTML 60Page - Analog Devices ADSP-BF607 Datasheet HTML 61Page - Analog Devices ADSP-BF607 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 112 page
background image
Rev. 0
|
Page 58 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
PROCESSOR — ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed in Table 23 may cause perma-
nent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other condi-
tions greater than those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
ESD SENSITIVITY
PROCESSOR — PACKAGE INFORMATION
The information presented in Figure 9 and Table 25 provides
details about package branding. For a complete listing of prod-
uct availability, see Automotive Products on Page 109.
Table 23. Absolute Maximum Ratings
Parameter
Rating
Internal Supply Voltage (VDD_INT)
–0.33 V to 1.32 V
External (I/O) Supply Voltage (VDD_EXT) –0.33 V to 3.63 V
Thermal Diode Supply Voltage
(VDD_TD)
–0.33 V to 3.63 V
DDR2 Controller Supply Voltage
(VDD_DMC)
–0.33 V to 1.90 V
USB PHY Supply Voltage (VDD_USB)
–0.33 V to 3.63 V
Input Voltage1, 2, 3
1 Applies to 100% transient duty cycle.
2 Applies only when VDD_EXT is within specifications. When VDD_EXT is outside
specifications, the range is VDD_EXT ± 0.2 V.
3 For other duty cycles see Table 24.
–0.33 V to 3.63 V
TWI Input Voltage
2, 4
4 Applies to balls TWI_SCL and TWI_SDA.
–0.33 V to 5.50 V
USB0_Dx Input Voltage5
5 If the USB is not used, connect USB0_Dx and USB0_VBUS according to Table 15
on Page 37.
–0.33 V to 5.25 V
USB0_VBUS Input Voltage
5
–0.33 V to 6.00 V
DDR2 Input Voltage6
6 Applies only when VDD_DMC is within specifications. When VDD_DMC is outside
specifications, the range is VDD_DMC ± 0.2 V.
–0.33 V to 1.90 V
Output Voltage Swing
–0.33 V to VDD_EXT + 0.5 V
IOH/IOL Current per Signal
1
12.5 mA (max)
Storage Temperature Range
–65°C to +150°C
Junction Temperature Under Bias
+125°C
Table 24. Maximum Duty Cycle for Input Transient Volt-
age1, 2
1 Applies to all signal balls with the exception of SYS_CLKIN, SYS_XTAL, 
SYS_EXT_WAKE, USB0_DP, USB0_DM, USB0_VBUS, TWI signals, and
DMC0 signals.
2 Applies only when VDD_EXT is within specifications. When VDD_EXT is outside speci-
fications, the range is VDD_EXT ±0.2 V.
Maximum Duty Cycle (%)2
VIN Min (V)
3
3 The individual values cannot be combined for analysis of a single instance of
overshoot or undershoot. The worst case observed value must fall within one of
the specified voltages, and the total duration of the overshoot or undershoot
(exceeding the 100% case) must be less than or equal to the corresponding duty
cycle.
VIN Max (V)
3
100
–0.33
3.63
50
–0.50
3.80
40
–0.56
3.86
25
–0.67
3.97
20
–0.73
4.03
15
–0.80
4.10
10
–0.90
4.20
Figure 9. Product Information on Package
Table 25. Package Brand Information
Brand Key
Field Description
ADSP-BF609
Product Model
t
Temperature Range
pp
Package Type
Z
RoHS Compliant Designation
ccc
See Ordering Guide
vvvvvv.x
Assembly Lot Code
n.n
Silicon Revision
yyww
Date Code
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary protection circuitry, damage
may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to
avoid performance degradation or loss of functionality.
tppZccc
ADSP-BF609
a
#yyww country_of_origin
B
vvvvvv.x n.n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com