Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF607 Datasheet(PDF) 22 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 18Page - Analog Devices ADSP-BF607 Datasheet HTML 19Page - Analog Devices ADSP-BF607 Datasheet HTML 20Page - Analog Devices ADSP-BF607 Datasheet HTML 21Page - Analog Devices ADSP-BF607 Datasheet HTML 22Page - Analog Devices ADSP-BF607 Datasheet HTML 23Page - Analog Devices ADSP-BF607 Datasheet HTML 24Page - Analog Devices ADSP-BF607 Datasheet HTML 25Page - Analog Devices ADSP-BF607 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 112 page
background image
Rev. 0
|
Page 22 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
SPT_BD1
I/O
Channel B Data 1 Secondary bidirectional data I/O. This signal can be configured as an output to
transmit serial data, or as an input to receive serial data.
SPT_BFS
I/O
Channel B Frame Sync The frame sync pulse initiates shifting of serial data. This signal is either
generated internally or externally.
SPT_BTDV
Output
Channel B Transmit Data Valid This signal is optional and only active when SPORT is configured in
multi-channel transmit mode. It is asserted during enabled slots.
SYS_BMODEn
Input
Boot Mode Control n Selects the boot mode of the processor.
SYS_CLKIN
Input
Clock/Crystal Input Connect to an external clock source or crystal.
SYS_CLKOUT
Output
Processor Clock Output Outputs internal clocks. Clocks may be divided down. See the CGU chapter in
the processor hardware reference for more details.
SYS_EXTWAKE
Output
External Wake Control Drives low during hibernate and high all other times. Typically connected to the
enable input of the voltage regulator controlling the VDD_INT supply.
SYS_FAULT
I/O
Complementary Fault Complement of SYS_FAULT.
SYS_FAULT
I/O
Fault Indicates internal faults or senses external faults depending on the operating mode.
SYS_HWRST
Input
Processor Hardware Reset Control Resets the device when asserted.
SYS_IDLEn
Output
Core n Idle Indicator When low indicates that core n is in idle mode or being held in reset.
SYS_NMI
Input
Non-maskable Interrupt Priority depends on the core that receives the interrupt. See the processor
hardware and programming references for more details.
SYS_PWRGD
Input
Power Good Indicator When high it indicates to the processor that the VDD_INT level is within specifica-
tions such that it is safe to begin booting upon return from hibernate.
SYS_RESOUT
Output
Reset Output Indicates that the device is in the reset state.
SYS_SLEEP
Output
Processor Sleep Indicator When low indicates that the processor is in the deep sleep power saving
mode.
SYS_TDA
Input
Thermal Diode Anode May be used by an external temperature sensor to measure the die temperature.
SYS_TDK
Input
Thermal Diode Cathode May be used by an external temperature sensor to measure the die
temperature.
SYS_XTAL
Output
Crystal Output Drives an external crystal. Must be left unconnected if an external clock is driving CLKIN.
TMR_ACIn
Input
Alternate Capture Input n Provides an additional input for WIDCAP, WATCHDOG, and PININT modes.
TMR_ACLKn
Input
Alternate Clock n Provides an additional time base for use by an individual timer.
TMR_CLK
Input
Clock Provides an additional global time base for use by all the GP timers.
TMR_TMRn
I/O
Timer n The main input/output signal for each timer.
TWI_SCL
I/O
Serial Clock Clock output when master, clock input when slave.
TWI_SDA
I/O
Serial Data Receives or transmits data.
UART_CTS
Input
Clear to Send Flow control signal.
UART_RTS
Output
Request to Send Flow control signal.
UART_RX
Input
Receive Receive input. Typically connects to a transceiver that meets the electrical requirements of the
device being communicated with.
UART_TX
Output
Transmit Transmit output. Typically connects to a transceiver that meets the electrical requirements of
the device being communicated with.
USB_CLKIN
Input
Clock/Crystal Input This clock input is multiplied by a PLL to form the USB clock. See Universal Serial
Bus (USB) On-The-Go—Receive and Transmit Timing for frequency/tolerance information.
USB_DM
I/O
Data – Bidirectional differential data line.
USB_DP
I/O
Data + Bidirectional differential data line.
USB_ID
Input
OTG ID Senses whether the controller is a host or device. This signal is pulled low when an A-type plug
is sensed (signifying that the USB controller is the A device), but the input is high when a B-type plug is
sensed (signifying that the USB controller is the B device).
USB_VBC
Output
VBUS Control Controls an external voltage source to supply VBUS when in host mode. May be
configured as open drain. Polarity is configurable as well.
USB_VBUS
I/O
Bus Voltage Connects to bus voltage in host and device modes.
Table 6. Detailed Signal Descriptions (Continued)
Signal Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com