Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF607 Datasheet(PDF) 95 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 95 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 91Page - Analog Devices ADSP-BF607 Datasheet HTML 92Page - Analog Devices ADSP-BF607 Datasheet HTML 93Page - Analog Devices ADSP-BF607 Datasheet HTML 94Page - Analog Devices ADSP-BF607 Datasheet HTML 95Page - Analog Devices ADSP-BF607 Datasheet HTML 96Page - Analog Devices ADSP-BF607 Datasheet HTML 97Page - Analog Devices ADSP-BF607 Datasheet HTML 98Page - Analog Devices ADSP-BF607 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 112 page
background image
Rev. 0
|
Page 95 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
RSI Controller Timing
Table 63 and Figure 49 describe RSI controller timing.
Table 63. RSI Controller Timing
VDD_EXT
1.8V Nominal
VDD_EXT
3.3V Nominal
Parameter
Min
Max
Min
Max
Unit
Timing Requirements
tISU
Input Setup Time
11
9.6
ns
tIH
Input Hold Time
2
2
ns
Switching Characteristics
fPP
Clock Frequency Data Transfer Mode
1
41.67
41.67
MHz
tWL
Clock Low Time
8
8
ns
tWH
Clock High Time
8
8
ns
tTLH
Clock Rise Time
3
3
ns
tTHL
Clock Fall Time
3
3
ns
tODLY
Output Delay Time During Data Transfer Mode
2.5
2.5
ns
tOH
Output Hold Time
–1
–1
ns
1 t
PP = 1/fPP
Figure 49. RSI Controller Timing
RSI_CLK
INPUT
OUTPUT
tISU
NOTES:
1 INPUT INCLUDES RSI_Dx AND RSI_CMD SIGNALS.
2 OUTPUT INCLUDES RSI_Dx AND RSI_CMD SIGNALS.
tTHL
tTLH
tWL
tWH
tPP
tIH
tODLY
tOH
VOH (MIN)
VOL (MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com