Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF607 Datasheet(PDF) 64 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 60Page - Analog Devices ADSP-BF607 Datasheet HTML 61Page - Analog Devices ADSP-BF607 Datasheet HTML 62Page - Analog Devices ADSP-BF607 Datasheet HTML 63Page - Analog Devices ADSP-BF607 Datasheet HTML 64Page - Analog Devices ADSP-BF607 Datasheet HTML 65Page - Analog Devices ADSP-BF607 Datasheet HTML 66Page - Analog Devices ADSP-BF607 Datasheet HTML 67Page - Analog Devices ADSP-BF607 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
Rev. 0
|
Page 64 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
Synchronous Burst Flash Read
Table 31. Synchronous Burst AC Timing (BxMODE = b#11)
VDD_EXT
1.8V/3.3V Nominal
Parameter
Min
Max
Unit
Timing Requirements
tNDS
DATA-In Setup Before SMC0_NORCLK High
3
ns
tNDH
DATA-In Hold After SMC0_NORCLK High
1.5
ns
tNWS
WAIT-In Setup Before SMC0_NORCLK High
3
ns
tNWH
WAIT-In Hold After SMC0_NORCLK High
1.5
ns
Switching Characteristics
tNRCLS
NOR_CLK Low Period
1, 2
[0.5 × BCLK × tSCLK0 – 1] or [7]
ns
tNRCHS
NOR_CLK High Period
1, 2
[0.5 × BCLK × tSCLK0 – 1] or [7]
ns
tNRCLK
NOR_CLK Period1, 2
[BCLK × tSCLK0 – 1] or [15]
ns
tNDO
Output Delay After SMC0_NORCLK High3
6ns
tNHO
Output Hold After SMC0_NORCLK High3
0.8
ns
1 Whichever is greater.
2 BCLKDIV value set using the SMC_BxCTL.BCLK bits. BCLKDIV = (SMC_BxCTL.BCLK + 1).
3 Output = SMC0_Ax (address), SMC0_NORDV, SMC0_ARE, SMC0_AMSx (N0R_CE).
Figure 15. Synchronous Burst AC Interface Timing
tNDO
tNWS
tNWH
tNDH
tNDH
tNDS
tNDS
tNHO
Dn
Dn+1
Dn+2
Dn+3
SMC0_AMSx
SMC0_NORCLK
SMC0_Ax
(ADDRESS)
SMC0_ARE
NOR_OE
NOTE: SMC0_NORCLK dotted line represents a free running version
of SMC0_NORCLK that is not visible on the SMC0_NORCLK pin.
SMC0_ABE1-0
SMC0_Dx
(DATA)
SMC0_NORDV
SMC0_AOE
SMC0_NORWT
tNDO
tNDO
tNDO
tNDO
tNDO
tNDO
tNDO
tNHO
tNRCLS
tNRCLK
tNRCHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com