Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF607 Datasheet(PDF) 19 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 15Page - Analog Devices ADSP-BF607 Datasheet HTML 16Page - Analog Devices ADSP-BF607 Datasheet HTML 17Page - Analog Devices ADSP-BF607 Datasheet HTML 18Page - Analog Devices ADSP-BF607 Datasheet HTML 19Page - Analog Devices ADSP-BF607 Datasheet HTML 20Page - Analog Devices ADSP-BF607 Datasheet HTML 21Page - Analog Devices ADSP-BF607 Datasheet HTML 22Page - Analog Devices ADSP-BF607 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 112 page
background image
Rev. 0
|
Page 19 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
ADSP-BF60x DETAILED SIGNAL DESCRIPTIONS
Table 6 provides a detailed description of each signal.
Table 6. Detailed Signal Descriptions
Signal Name
Direction
Description
ACM_An
Output
ADC Control Signals Function varies by mode.
ACM_CLK
Output
Clock SCLK derived clock for connecting to an ADC.
ACM_FS
Output
Frame Sync Typically used as an ADC chip select.
ACM_Tn
Input
External Trigger n Input for external trigger events.
CAN_RX
Input
Receive Typically an external CAN transceiver's RX output.
CAN_TX
Output
Transmit Typically an external CAN transceiver's TX input.
CNT_DG
Input
Count Down and Gate Depending on the mode of operation this input acts either as a count down
signal or a gate signal.
Count Down: This input causes the GP counter to decrement.
Gate: Stops the GP counter from incrementing or decrementing.
CNT_UD
Input
Count Up and Direction Depending on the mode of operation this input acts either as a count up signal
or a direction signal.
Count Up: This input causes the GP counter to increment.
Direction: Selects whether the GP counter is incrementing or decrementing.
CNT_ZM
Input
Count Zero Marker Input that connects to the zero marker output of a rotary device or detects the
pressing of a push button.
DMC_Ann
Output
Address n Address bus.
DMC_BAn
Output
Bank Address Input n Defines which internal bank an ACTIVATE, READ, WRITE, or PRECHARGE command
is being applied to on the dynamic memory. Also defines which mode registers (MR, EMR, EMR2, and/or
EMR3) are loaded during the LOAD MODE REGISTER command.
DMC_CAS
Output
Column Address Strobe Defines the operation for external dynamic memory to perform in conjunction
with other DMC command signals. Connect to the CAS input of dynamic memory.
DMC_CK
Output
Clock (complement) Complement of DMC_CK.
DMC_CK
Output
Clock Outputs DCLK to external dynamic memory.
DMC_CKE
Output
Clock enable Active high clock enables. Connects to the dynamic memory’s CKE input.
DMC_CSn
Output
Chip Select n Commands are recognized by the memory only when this signal is asserted.
DMC_DQnn
I/O
Data n Bidirectional data bus.
DMC_LDM
Output
Data Mask for Lower Byte Mask for DMC_DQ07:DMC_DQ00 write data when driven high. Sampled on
both edges of the data strobe by the dynamic memory.
DMC_LDQS
I/O
Data Strobe for Lower Byte (complement) Complement of LDQS. Not used in single-ended mode.
DMC_LDQS
I/O
Data Strobe for Lower Byte DMC_DQ07:DMC_DQ00 data strobe. Output with Write Data. Input with
Read Data. May be single-ended or differential depending on register settings.
DMC_ODT
Output
On-die Termination Enables dynamic memory termination resistances when driven high (assuming
the memory is properly configured). ODT is enabled/disabled regardless of read or write commands.
DMC_RAS
Output
Row Address Strobe Defines the operation for external dynamic memory to perform in conjunction
with other DMC command signals. Connect to the RAS input of dynamic memory.
DMC_UDM
Output
Data Mask for Upper Byte Mask for DMC_DQ15:DMC_DQ08 write data when driven high. Sampled on
both edges of the data strobe by the dynamic memory.
DMC_UDQS
I/O
Data Strobe for Upper Byte (complement) Complement of UDQS. Not used in single-ended mode.
DMC_UDQS
I/O
Data Strobe for Upper Byte DMC_DQ15:DMC_DQ08 data strobe. Output with Write Data. Input with
Read Data. May be single-ended or differential depending on register settings.
DMC_WE
Output
Write Enable Defines the operation for external dynamic memory to perform in conjunction with other
DMC command signals. Connect to the WE input of dynamic memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com