Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760LDAPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 3 Page - Texas Instruments

  TAS5760LDAPR Datasheet HTML 1Page - Texas Instruments TAS5760LDAPR Datasheet HTML 2Page - Texas Instruments TAS5760LDAPR Datasheet HTML 3Page - Texas Instruments TAS5760LDAPR Datasheet HTML 4Page - Texas Instruments TAS5760LDAPR Datasheet HTML 5Page - Texas Instruments TAS5760LDAPR Datasheet HTML 6Page - Texas Instruments TAS5760LDAPR Datasheet HTML 7Page - Texas Instruments TAS5760LDAPR Datasheet HTML 8Page - Texas Instruments TAS5760LDAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (October 2013) to Revision B
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
•
Changed Features list item, Audio Performance From: RLOAD = 8Ω To: RSPK = 8Ω .............................................................. 1
•
Changed From: Voltage at speaker amplifier output pins To: Speaker Amplifier Output Voltage in the Abs Max table ....... 7
•
Modified Master clock and Serial Audio Port specifications to reflect the clocking improvements of the device. ................ 8
•
Changed the Soft Clipper Control (SFT_CLIP Pin) section.................................................................................................. 28
•
Changed High Power Supply value from 24 V to 15 V. ...................................................................................................... 42
•
Changed High Power Supply value from 24 V to 15 V. ...................................................................................................... 44
•
Changed High Power Supply value from 24 V to 15 V. ...................................................................................................... 46
•
Changed High Power Supply value from 24 V to 15 V. ...................................................................................................... 48
•
Changed High Power Supply value from 24 V to 15 V. ...................................................................................................... 50
•
Changed High Power Supply value from 24 V to 15 V. ...................................................................................................... 53
•
Changed High Power Supply value from 24 V to 15 V. ...................................................................................................... 55
•
Changed High Power Supply value from 24 V to 15 V. ...................................................................................................... 57
Changes from Original (July 2013) to Revision A
Page
•
Changed Figure 53 ............................................................................................................................................................... 55
•
Changed Figure 54 ............................................................................................................................................................... 57
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com