Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760LDAPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 5Page - Texas Instruments TAS5760LDAPR Datasheet HTML 6Page - Texas Instruments TAS5760LDAPR Datasheet HTML 7Page - Texas Instruments TAS5760LDAPR Datasheet HTML 8Page - Texas Instruments TAS5760LDAPR Datasheet HTML 9Page - Texas Instruments TAS5760LDAPR Datasheet HTML 10Page - Texas Instruments TAS5760LDAPR Datasheet HTML 11Page - Texas Instruments TAS5760LDAPR Datasheet HTML 12Page - Texas Instruments TAS5760LDAPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
7.7 Serial Audio Port
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DSCLK
Allowable SCLK Duty Cycle
45%
50%
55%
tH_L
Time high and low, SCLK, LRCK, SDIN
10
ns
Input tRISE ≤ 1 ns, input tFALL ≤ 1
5
ns
tSU
Setup and Hold time. LRCK, SDIN input
Input tRISE ≤ 4 ns, input tFALL ≤ 4
8
ns
tHLD
to SCLK edge
ns
Input tRISE ≤ 8 ns, input tFALL ≤ 8
12
ns
tRISE
Rise-time SCLK, LRCK, SDIN inputs
8
ns
tFALL
Fall-time SCLK, LRCK, SDIN inputs
8
ns
Sample rates above 48kHz
supported by "double speed
fS
Supported Input Sample Rates
32
96
kHz
mode," which is activated
through the I²C control port
fSCLK
Supported SCLK Frequencies
Values include: 32, 48, 64
32
64
fS
7.8 Protection Circuitry
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVERTHRES(PVDD)
PVDD Overvoltage Error Threshold
PVDD Rising
18
V
OVEFTHRES(PVDD)
PVDD Overvoltage Error Threshold
PVDD Falling
17.3
V
PVDD Undervoltage Error (UVE)
UVEFTHRES(PVDD)
PVDD Falling
3.95
V
Threshold
UVERTHRES(PVDD)
PVDD UVE Threshold (PVDD Rising)
PVDD Rising
4.15
V
Overtemperature Error (OTE)
OTETHRES
150
°C
Threshold
Overtemperature Error (OTE)
OTEHYST
15
°C
Hysteresis
Overcurrent Error (OCE) Threshold for
OCETHRES
PVDD= 15V, TA = 25 °C
7
A
each BTL Output
DCETHRES
DC Error (DCE) Threshold
PVDD= 12V, TA = 25 °C
2.6
V
DC Detect Error
650
ms
Speaker Amplifier Fault Time Out
TSPK_FAULT
period
OTE or OCP Fault
1.3
s
7.9 Speaker Amplifier in All Modes
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Hardware Control Mode
Speaker Amplifier Gain with
(Additional gain settings
AV00
25.2
dBV
SPK_GAIN[1:0] Pins = 00
available in Software Control
Mode)(1)
Hardware Control Mode
Speaker Amplifier Gain with
(Additional gain settings
AV01
28.6
dBV
SPK_GAIN[1:0] Pins = 01
available in Software Control
Mode)(1)
Hardware Control Mode
Speaker Amplifier Gain with
(Additional gain settings
AV10
31
dBV
SPK_GAIN[1:0] Pins = 10
available in Software Control
Mode)(1)
Speaker Amplifier Gain with
(This setting places the device
AV11
(Set via I²C)
SPK_GAIN[1:0] Pins = 11
in Software Control Mode)
(1)
The digital boost block contributes +6dB of gain to this value. The audio signal must be kept below -6dB to avoid clipping the digital
audio path.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com