Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760LDAPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 8Page - Texas Instruments TAS5760LDAPR Datasheet HTML 9Page - Texas Instruments TAS5760LDAPR Datasheet HTML 10Page - Texas Instruments TAS5760LDAPR Datasheet HTML 11Page - Texas Instruments TAS5760LDAPR Datasheet HTML 12Page - Texas Instruments TAS5760LDAPR Datasheet HTML 13Page - Texas Instruments TAS5760LDAPR Datasheet HTML 14Page - Texas Instruments TAS5760LDAPR Datasheet HTML 15Page - Texas Instruments TAS5760LDAPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
TAS5760L
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
www.ti.com
7.11 Speaker Amplifier in Mono Parallel Bridge-Tied Load (PBTL) Mode
input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
69
-
µVrms
RSPK = 8Ω, A-Weighted
ICN
Idle Channel Noise
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
85
-
µVrms
RSPK = 8Ω, A-Weighted
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
28.6
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
15.9
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
8.4
-
W
RSPK = 8Ω, THD+N = 0.1%
Maximum Instantaneous Output
PO(SPK)
Power
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
43.2
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
25
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
13.3
-
W
RSPK = 8Ω, THD+N = 0.1%
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
30
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
15.9
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
8.4
-
W
RSPK = 8Ω, THD+N = 0.1%
Maximum Continuous Output
PO(SPK)
Power(1)
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
28.5
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
25
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
13.3
-
W
RSPK = 8Ω, THD+N = 0.1%
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
100.4
-
dB
RSPK = 8Ω, A-Weighted, -60dBFS Input
Signal to Noise Ratio (Referenced
SNR
to THD+N = 1%)
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
99.5
-
dB
RSPK = 8Ω, A-Weighted, -60dBFS Input
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
0.03%
-
RSPK = 2Ω, Po = 1 W
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
0.02%
-
RSPK = 4Ω, Po = 1 W
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
0.02%
-
RSPK = 8Ω, Po = 1 W
Total Harmonic Distortion and
THD+N(SPK)
Noise
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
0.03%
-
RSPK = 2Ω, Po = 1 W
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
0.02%
-
RSPK = 4Ω, Po = 1 W
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
0.02%
-
RSPK = 8Ω, Po = 1 W
(1)
The continuous power output of any amplifier is determined by the thermal performance of the amplifier as well as limitations placed on
it by the system around it, such as the PCB configuration and the ambient operating temperature. The performance characteristics listed
in this section are achievable on the TAS5760L's EVM, which is representative of the poplular "2 Layers / 1oz Copper" PCB
configuration in a size that is representative of the amount of area often provided to the amplifier section of popular consumer audio
electronics. As can be seen in the instantaneous power portion of this table, more power can be delivered from the TAS5760L if steps
are taken to pull more heat out of the device. For instance, using a board with more layers or adding a small heatsink will result in an
increase of continuous power, up to and including the instantaneous power level. This behavior can also been seen in the POUT vs.
PVDD plots shown in the typical performance plots section of this data sheet.
7.12 I²C Control Port
specifications are over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL(I²C)
Allowable Load Capacitance for Each I²C
400
pF
Line
fSCL
Support SCL frequency
No Wait States
400
kHz
12
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com