Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760LDAPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 28Page - Texas Instruments TAS5760LDAPR Datasheet HTML 29Page - Texas Instruments TAS5760LDAPR Datasheet HTML 30Page - Texas Instruments TAS5760LDAPR Datasheet HTML 31Page - Texas Instruments TAS5760LDAPR Datasheet HTML 32Page - Texas Instruments TAS5760LDAPR Datasheet HTML 33Page - Texas Instruments TAS5760LDAPR Datasheet HTML 34Page - Texas Instruments TAS5760LDAPR Datasheet HTML 35Page - Texas Instruments TAS5760LDAPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
TAS5760L
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
www.ti.com
9.4.2.2.1
Serial Audio Port (SAP) Clocking
When used in Software Control mode, the device can be placed into double speed mode to support higher
sample rates, such as 88.2 kHz and 96 kHz. The tables below detail the supported SCLK rates for each of the
available sample rate and MCLK rate configurations. For each fS and MCLK Rate the support SCLK rates are
shown and are represented in multiples of the sample rate, which is written as "x fS".
Table 6. Supported SCLK Rates in Single-Speed Mode
MCLK Rate [x fS]
64
128
192
256
384
512
Sample Rate [kHz]
12
N/S
N/S
N/S
N/S
N/S
32, 48, 64
16
N/S
N/S
N/S
32, 48, 64
32, 48, 64
32, 48, 64
24
N/S
N/S
32, 48, 64
32, 48, 64
32, 48, 64
32, 48, 64
32
N/S
32, 48, 64
32, 48, 64
32, 48, 64
32, 48, 64
32, 48, 64
38
N/S
32, 48, 64
32, 48, 64
32, 48, 64
32, 48, 64
32, 48, 64
44.1
32, 48, 64
32, 48, 64
32, 48, 64
32, 48, 64
32, 48, 64
32, 48, 64
48
32, 48, 64
32, 48, 64
32, 48, 64
32, 48, 64
32, 48, 64
32, 48, 64
Table 7. Supported SCLK Rates in Double-Speed Mode
MCLK Rate [x fS]
64
128
192
256
Sample Rate [kHz]
88.2
32, 48, 64
32, 48, 64
32, 48, 64
32, 48, 64
96
32, 48, 64
32, 48, 64
32, 48, 64
32, 48, 64
9.4.2.3 Parallel Bridge Tied Load Mode via Software Control
The TAS5760L can be configured to drive a single speaker with the two output channels connected in parallel.
This mode of operation is called Parallel Bridge Tied Load (PBTL) mode. This mode of operation effectively
reduces the on resistance of the amplifier in half, which in turn reduces the power dissipated in the device due to
conduction losses through the output FETs. Additionally, since the output channels are working in parallel, it also
doubles the amount of current the speaker amplifier can source before hitting the over-current error threshold.
It should be noted that the device can be placed operated in PBTL mode in either Hardware Control Mode or in
Software Control Mode, via the I²C Control Port. For instructions on placing the device in PBTL via the
PBTL/SCL Pin, see Hardware Control Mode.
To place the TAS5760L into PBTL Mode when operating in Software Control Mode, the Bit 7 of the Analog
Control Register (0x06) should be set in the control port. This bit is cleared by default to configure the device for
BTL mode operation. An additional control available in software mode control is PBTL Channel Select, which
selects which of the two channels presented on the SDIN line will be used for the input signal for the amplifier.
This is found at Bit 1 of the Analog Control Register (0x06). When operated in PBTL mode, the output pins
should be connected as shown in the Typical Application Circuit Diagrams.
9.4.2.4 Speaker Amplifier Gain Structure
As shown in Figure 43, the audio path of the TAS5760L consists of a digital audio input port, a digital audio path,
a digital to analog converter, an analog modulator, a gate driver stage, a Class D power stage, and a feedback
loop which feeds the output information back into the analog modulator to correct for distortion sensed on the
output pins. The total amplifier gain is comprised of digital gain, shown as GDIG in the digital audio path and the
analog gain from the input of the analog modulator GANA to the output of the speaker amplifier power stage.
32
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com