Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760LDAPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 7Page - Texas Instruments TAS5760LDAPR Datasheet HTML 8Page - Texas Instruments TAS5760LDAPR Datasheet HTML 9Page - Texas Instruments TAS5760LDAPR Datasheet HTML 10Page - Texas Instruments TAS5760LDAPR Datasheet HTML 11Page - Texas Instruments TAS5760LDAPR Datasheet HTML 12Page - Texas Instruments TAS5760LDAPR Datasheet HTML 13Page - Texas Instruments TAS5760LDAPR Datasheet HTML 14Page - Texas Instruments TAS5760LDAPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
Speaker Amplifier in Stereo Bridge-Tied Load (BTL) Mode (continued)
input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
99.7
-
dB
Signal to Noise Ratio
RSPK = 8Ω, A-Weighted, -60dBFS Input
SNR(SPK)
(Referenced to THD+N =
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
1%)
-
98.2
-
dB
RSPK = 8Ω, A-Weighted, -60dBFS Input
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
0.02%
-
RSPK = 4Ω, Po = 1 W
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
0.03%
-
RSPK = 8Ω, Po = 1 W
Total Harmonic Distortion
THD+N(SPK)
and Noise
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
0.03%
-
RSPK = 4Ω, Po = 1 W
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
0.03%
-
RSPK = 8Ω, Po = 1 W
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
RSPK = 8Ω, Input Signal 250 mVrms, 1kHz
-
-92
-
dB
Cross-talk (worst case
Sine
X-Talk(SPK)
between LtoR and RtoL
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
coupling)
RSPK = 8Ω, Input Signal 250 mVrms, 1kHz
-
-93
-
dB
Sine
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com