Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760LDAPR Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 48Page - Texas Instruments TAS5760LDAPR Datasheet HTML 49Page - Texas Instruments TAS5760LDAPR Datasheet HTML 50Page - Texas Instruments TAS5760LDAPR Datasheet HTML 51Page - Texas Instruments TAS5760LDAPR Datasheet HTML 52Page - Texas Instruments TAS5760LDAPR Datasheet HTML 53Page - Texas Instruments TAS5760LDAPR Datasheet HTML 54Page - Texas Instruments TAS5760LDAPR Datasheet HTML 55Page - Texas Instruments TAS5760LDAPR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
TAS5760L
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
www.ti.com
Table 18. Relevant Performance Plots (continued)
PLOT TITLE
PLOT NUMBER
Figure 10. DVDD PSRR vs Frequency
G020
Figure 11. Idle Current Draw vs PVDD (Filterless)
G042
Figure 12. Idle Current Draw vs PVDD (With LC Filter as Shown on the EVM)
G023
Figure 13. Shutdown Current Draw vs PVDD (Filterless)
G022
Figure 14. Output Power vs PVDD
G039
Figure 15. THD+N vs Frequency With PVDD = 12 V, POSPK = 1 W
G002
Figure 18. THD+N vs Output Power With PVDD = 12 V, Both Channels Driven
G008
Figure 7. Efficiency vs Output Power
G014
Figure 21. Crosstalk vs Frequency
G018
Figure 22. PVDD PSRR vs Frequency
G019
Figure 23. Idle Current Draw vs PVDD (Filterless)
G045
Figure 24. Idle Current Draw vs PVDD (With LC Filter as Shown on EVM)
G044
Figure 25. Shutdown Current Draw vs PVDD (Filterless)
G022
52
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com