Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760LDAPR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 42Page - Texas Instruments TAS5760LDAPR Datasheet HTML 43Page - Texas Instruments TAS5760LDAPR Datasheet HTML 44Page - Texas Instruments TAS5760LDAPR Datasheet HTML 45Page - Texas Instruments TAS5760LDAPR Datasheet HTML 46Page - Texas Instruments TAS5760LDAPR Datasheet HTML 47Page - Texas Instruments TAS5760LDAPR Datasheet HTML 48Page - Texas Instruments TAS5760LDAPR Datasheet HTML 49Page - Texas Instruments TAS5760LDAPR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
1.0 µF
1.0 µF
1.0 µF
0.22 µF
0.22 µF
0.22 µF
0.22 µF
1.0 µF
VDD
System Processor
&
Associated Passive
Components
38
39
1
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
37
36
35
34
33
32
31
30
29
28
27
26
25
10
11
ANA_REG
VCOM
ANA_REF
SPK_FAULT
SPK_SD
FREQ/SDA
PBTL/SCL
DVDD
SPK_GAIN1
SPK_SLEEP/ADR
MCLK
SDIN
LRCK
DGND
NC
NC
NC
NC
NC
NC
NC
SCLK
SPK_GAIN0
SFT_CLIP
GGND
AVDD
PVDD
PVDD
BSTRPA+
SPK_OUTA+
PGND
SPK_OUTA-
BSTRPB+
SPK_OUTB-
PGND
BSTRPB-
PVDD
PVDD
NC
NC
NC
NC
NC
NC
NC
SPK_OUTB+
BSTRPA-
GVDD_REG
10 k
VDD
PVDD
0.1 µF
0.1 µF
470 µF
HIGH→ 1101101[
R/
W]
LOW
1101100[
→
R/
W]
10 k
LFILT
C
FILT
LFILT
C
FILT
TAS5760L
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
www.ti.com
10.2.3 Mono PBTL Using Software Control
Figure 49. Mono PBTL Using Software Control
10.2.3.1 Design Requirements
For this design example, use the parameters listed in Table 13 as the input parameters.
Table 13. Design Parameters
PARAMETER
EXAMPLE
Low Power Supply
3.3 V
High Power Supply
5 V to 15 V
I2S Compliant Master
Host Processor
I2C Compliant Master
GPIO Control
Output Filters
Inductor-Capacitor Low Pass Filter
Speakers
4
Ω to 8 Ω
10.2.3.2 Detailed Design Procedure
10.2.3.2.1
Startup Procedures- Software Control Mode
1. Configure all digital I/O pins as required by the application using PCB connections (that is SPK_GAIN[1:0] =
11, ADR, etc.)
2. Start with SPK_SD Pin = LOW
3. Bring up power supplies (it does not matter if PVDD/AVDD or DVDD comes up first, provided the device is
held in shutdown.)
4. Once power supplies are stable, start MCLK, SCLK, LRCK
5. Configure the device via the control port in the manner required by the use case, making sure to mute the
device via the control port
6. Once power supplies and clocks are stable and the control port has been programmed, bring SPK_SD HIGH
7. Unmute the device via the control port
8. The device is now in normal operation
46
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com