Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760LDAPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 4Page - Texas Instruments TAS5760LDAPR Datasheet HTML 5Page - Texas Instruments TAS5760LDAPR Datasheet HTML 6Page - Texas Instruments TAS5760LDAPR Datasheet HTML 7Page - Texas Instruments TAS5760LDAPR Datasheet HTML 8Page - Texas Instruments TAS5760LDAPR Datasheet HTML 9Page - Texas Instruments TAS5760LDAPR Datasheet HTML 10Page - Texas Instruments TAS5760LDAPR Datasheet HTML 11Page - Texas Instruments TAS5760LDAPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
TAS5760L
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
www.ti.com
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Ambient Operating Temperature
–25
85
°C
AVDD
AVDD Supply
4.5
16.5
V
PVDD
PVDD Supply
4.5
16.5
V
DVDD
DVDD Supply
2.8
3.63
V
VIH(DR)
Input Logic HIGH for DVDD Referenced Digital Inputs
DVDD
V
VIL(DR)
Input Logic LOW for DVDD Referenced Digital Inputs
0
V
RSPK (BTL)
Minimum Speaker Load in BTL Mode
4
Ω
RSPK (PBTL)
Minimum Speaker Load in PBTL Mode
2
Ω
7.4 Thermal Information
TAS5760L
DCA
DCA
DAP
DAP
THERMAL METRIC(1)
UNIT
[HTSSOP]
[HTSSOP]
[HTSSOP]
[HTSSOP]
32-PIN(2)
48-PIN(2)
32-PIN(3)
48-PIN(3)
θJA
Junction-to-ambient thermal resistance
60.3
30.2
60.3
31.9
°C/W
θJC(top) Junction-to-case (top) thermal resistance
16
14.3
16
16
°C/W
θJB
Junction-to-board thermal resistance
12
12.7
12
17
°C/W
ψJT
Junction-to-top characterization parameter
0.4
0.6
0.4
0.4
°C/W
ψJB
Junction-to-board characterization parameter
11.9
12.7
11.9
16.8
°C/W
θJC(bott
Junction-to-case (bottom) thermal resistance
0.8
0.7
0.8
0.81
°C/W
om)
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
JEDEC Standard 2 Layer Board
(3)
JEDEC Standard 4 Layer Board
7.5 Digital I/O Pins
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Logic HIGH threshold for DVDD
VIH1
All digital pins
70
%DVDD
Referenced Digital Inputs
Input Logic LOW threshold for DVDD
VIL1
All digital pins
30
%DVDD
Referenced Digital Inputs
IIH1
Input Logic HIGH Current Level
All digital pins
15
µA
IIL1
Input Logic LOW Current Level
All digital pins
–15
µA
VOH
Output Logic HIGH Voltage Level
IOH = 2 mA
90
%DVDD
VOL
Output Logic LOW Voltage Level
IOH = -2 mA
10
%DVDD
7.6 Master Clock
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DMCLK
Allowable MCLK Duty Cycle
45%
50%
55%
MCLK Input Frequency
25
MHz
Supported single-speed MCLK
Values: 64, 128, 192, 256, 384,
64
512
fMCLK
Frequencies
and 512
x fs
Supported double-speed MCLK
Values: 64, 128, and 256
64
256
Frequencies
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com