Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760LDAPR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS5760LDAPR Datasheet HTML 31Page - Texas Instruments TAS5760LDAPR Datasheet HTML 32Page - Texas Instruments TAS5760LDAPR Datasheet HTML 33Page - Texas Instruments TAS5760LDAPR Datasheet HTML 34Page - Texas Instruments TAS5760LDAPR Datasheet HTML 35Page - Texas Instruments TAS5760LDAPR Datasheet HTML 36Page - Texas Instruments TAS5760LDAPR Datasheet HTML 37Page - Texas Instruments TAS5760LDAPR Datasheet HTML 38Page - Texas Instruments TAS5760LDAPR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
A6
A5
A0 R/W ACK A7
A6
A5
A4
A0 ACK
A6
A5
A0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I CDevice Addressand
2
Read/WriteBit
Subaddress
DataByte
D7
D6
D1
D0 ACK
I CDevice Addressand
Read/WriteBit
2
Not
Acknowledge
R/W
A1
A1
RepeatStart
Condition
T0036-03
A6
A5
A4
A3
A2
A1
A0
R/W ACK A7
A6
A5
A4
A3
A2
A1
A0
ACK
D7
D6
D5
D4
D3
D2
D1
D0 ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I CDevice Addressand
2
Read/WriteBit
Subaddress
DataByte
T0036-01
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
9.4.2.5.3
Writing to the I²C Control Port
As shown in Figure 45, a single-byte data-write transfer begins with the master device transmitting a START
condition followed by the I²C and the read/write bit. The read/write bit determines the direction of the data
transfer. For a data-write transfer, the read/write bit is a 0. After receiving the correct I²C and the read/write bit,
the TAS5760L responds with an acknowledge bit. Next, the master transmits the address byte corresponding to
the TAS5760L register being accessed. After receiving the address byte, the TAS5760L again responds with an
acknowledge bit. Next, the master device transmits the data byte to be written to the memory address being
accessed. After receiving the data byte, the TAS5760L again responds with an acknowledge bit. Finally, the
master device transmits a STOP condition to complete the single-byte data-write transfer.
Figure 45. Write Transfer
9.4.2.5.4
Reading from the I²C Control Port
As shown in Figure 46, a data-read transfer begins with the master device transmitting a START condition,
followed by the I²C device address and the read/write bit. For the data read transfer, both a write followed by a
read are actually done. Initially, a write is done to transfer the address byte of the internal register to be read. As
a result, the read/write bit becomes a 0. After receiving the TAS5760L address and the read/write bit, TAS5760L
responds with an acknowledge bit. In addition, after sending the internal memory address byte or bytes, the
master device transmits another START condition followed by the TAS5760L address and the read/write bit
again. This time, the read/write bit becomes a 1, indicating a read transfer. After receiving the address and the
read/write bit, the TAS5760L again responds with an acknowledge bit. Next, the TAS5760L transmits the data
byte from the register being read. After receiving the data byte, the master device transmits a not-acknowledge
followed by a STOP condition to complete the data-read transfer.
Figure 46. Read Transfer
9.5 Register Maps
9.5.1 Control Port Registers - Quick Reference
Table 8. Control Port Quick Reference Table
Default (Binary)
Adr.
Adr.
Default
Register Name
(Dec)
(Hex)
(Hex)
B7
B6
B5
B4
B3
B2
B1
B0
Device Identification
Device
0
0
0x00
Identification
0
0
0
0
0
0
0
0
SPK_SL
DigClipLev[19:14]
SPK_SD
EEP
1
1
Power Control
0xFD
1
1
1
1
1
1
0
1
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com