Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760LDAPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LDAPR
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760LDAPR Datasheet(HTML) 4 Page - Texas Instruments

  TAS5760LDAPR Datasheet HTML 1Page - Texas Instruments TAS5760LDAPR Datasheet HTML 2Page - Texas Instruments TAS5760LDAPR Datasheet HTML 3Page - Texas Instruments TAS5760LDAPR Datasheet HTML 4Page - Texas Instruments TAS5760LDAPR Datasheet HTML 5Page - Texas Instruments TAS5760LDAPR Datasheet HTML 6Page - Texas Instruments TAS5760LDAPR Datasheet HTML 7Page - Texas Instruments TAS5760LDAPR Datasheet HTML 8Page - Texas Instruments TAS5760LDAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
PowerPAD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
SFT_CLIP
ANA_REG
VCOM
ANA_REF
SPK_FAULT
SPK_SD
FREQ/SDA
PBTL/SCL
DVDD
SPK_GAIN0
SPK_GAIN1
SPK_SLEEP/ADR
MCLK
SCLK
SDIN
LRCK
DGND
NC
NC
NC
NC
NC
NC
NC
GVDD_REG
GGND
AVDD
PVDD
PVDD
BSTRPA+
SPK_OUTA+
PGND
SPK_OUTA-
BSTRPA-
BSTRPB-
SPK_OUTB-
PGND
SPK_OUTB+
BSTRPB+
PVDD
PVDD
NC
NC
NC
NC
NC
NC
NC
TAS5760L
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
www.ti.com
5 Device Comparison Table
DEVICE
DESCRIPTION
PACKAGE
Flexible, general-purpose I2S input class-D Amplifier with
48 Pin, 0.5-mm Lead-Pitch, Pad-down TSSOP
TAS5760MDDCA
integrated headphone and line driver and integrated digital
(DCA)
clipper, which supports PVDD levels
≤ 24 V
TAS5760MDCA
48 Pin, 0.5-mm Lead-Pitch, Pad-down TSSOP
(DCA)
Flexible, general-purpose I2S input class-D Amplifier with
integrated digital clipper, which supports PVDD levels
≤ 24 V
TAS5760MDAP
32 Pin, 0.65mm Lead Pitch, Pad-down TSSOP
(DAP)
Flexible, general-purpose I2S input class-D Amplifier with
48 Pin, 0.5-mm Lead-Pitch, Pad-down TSSOP
TAS5760LDDCA
integrated headphone and line driver and integrated digital
(DCA)
clipper, which supports PVDD levels
≤ 15 V
TAS5760LDCA
48 Pin, 0.5-mm Lead-Pitch, Pad-down TSSOP
(DCA)
Flexible, general-purpose I2S input class-D Amplifier with
integrated digital clipper, which supports PVDD levels
≤ 15 V
TAS5760LDAP
32 Pin, 0.65-mm Lead Pitch, Pad-down TSSOP
(DAP)
6 Pin Configuration and Functions
DCA PACKAGE
48-PIN TSSOP
TOP VIEW
Pin Functions
TAS5760L
NO.
TYPE(1)
INTERNAL TERMINATION
DESCRIPTION
NAME
AVDD
46
P
-
Power supply for internal analog circuitry
Connection point for internal reference used by ANA_REG and VCOM filter
ANA_REF
4
P
-
capacitors
Voltage regulator derived from AVDD supply (NOTE: This terminal is
ANA_REG
2
P
-
provided as a connection point for filtering capacitors for this supply and
must not be used to power any external circuitry)
(1)
AI = Analog input, AO = Analog output, DI = Digital Input, DO = Digital Output, P = Power, G = Ground (0V)
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com