Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6745DPTP3 Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 118 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 114Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 115Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 116Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 117Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 118Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 119Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 120Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 121Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 227 page
background image
MDIO_CLK
MDIO_D
(output)
7
1
MDIO_CLK
MDIO_D
(input)
3
3
4
5
1
TMS320C6745, TMS320C6747
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
6.15.2 Management Data Input/Output (MDIO) Electrical Data/Timing
Table 6-41. Timing Requirements for MDIO Input (see Figure 6-31 and Figure 6-32)
No.
PARAMETER
MIN
MAX
UNIT
1
tc(MDIO_CLK)
Cycle time, MDIO_CLK
400
ns
2
tw(MDIO_CLK)
Pulse duration, MDIO_CLK high/low
180
ns
3
tt(MDIO_CLK)
Transition time, MDIO_CLK
5
ns
4
tsu(MDIO-MDIO_CLKH)
Setup time, MDIO_D data input valid before MDIO_CLK high
10
ns
5
th(MDIO_CLKH-MDIO)
Hold time, MDIO_D data input valid after MDIO_CLK high
0
ns
Figure 6-31. MDIO Input Timing
Table 6-42. Switching Characteristics Over Recommended Operating Conditions for MDIO Output
(see Figure 6-32)
No.
PARAMETER
MIN
MAX
UNIT
7
td(MDIO_CLKL-MDIO)
Delay time, MDIO_CLK low to MDIO_D data output valid
0
100
ns
Figure 6-32. MDIO Output Timing
118
Peripheral Information and Electrical Specifications
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com