Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6745DPTP3 Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 123 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 119Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 120Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 121Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 122Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 123Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 124Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 125Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 126Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
Table 6-45. McASP Registers Accessed Through DMA Port
Hex
Register
McASP0
McASP1
McASP2
REGISTER DESCRIPTION
Address
Name
BYTE
BYTE
BYTE
ADDRESS
ADDRESS
ADDRESS
Read
RBUF
01D0 2000
01D0 6000
01D0 A000
Receive buffer DMA port address. Cycles through receive serializers,
Accesses
skipping over transmit serializers and inactive serializers. Starts at the
lowest serializer at the beginning of each time slot. Reads from DMA port
only if RBUSEL = 0 in RFMT.
Write
XBUF
01D0 2000
01D0 6000
01D0 A000
Transmit buffer DMA port address. Cycles through transmit serializers,
Accesses
skipping over receive and inactive serializers. Starts at the lowest
serializer at the beginning of each time slot. Writes to DMA port only if
XBUSEL = 0 in XFMT.
Table 6-46. McASP AFIFO Registers Accessed Through Peripheral Configuration Port
McASP0
McASP1
McASP2
ACRONYM
REGISTER DESCRIPTION
BYTE ADDRESS
BYTE ADDRESS
BYTE ADDRESS
0x01D0 1000
0x01D0 5000
0x01D0 9000
AFIFOREV
AFIFO revision identification register
0x01D0 1010
0x01D0 5010
0x01D0 9010
WFIFOCTL
Write FIFO control register
0x01D0 1014
0x01D0 5014
0x01D0 9014
WFIFOSTS
Write FIFO status register
0x01D0 1018
0x01D0 5018
0x01D0 9018
RFIFOCTL
Read FIFO control register
0x01D0 101C
0x01D0 501C
0x01D0 901C
RFIFOSTS
Read FIFO status register
Copyright © 2008–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
123
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com