Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 123 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 123 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 119Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 120Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 121Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 122Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 123Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 124Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 125Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 126Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 127Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 275 page
background image
MT9072
Data Sheet
123
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15-8
#
not used.
7-0
RXBOM
M7-0
(0)
Receive Bit Oriented Message Match. The contents of this register are compared to the
received bit oriented message register(RXBOM) and an option maskable interrupt is generated if
the contents match the received bit oriented message. Note that in accordance to T1.403 Table
11 the codeword 7E should not be used due to similarity of DataLink idle code. The code 7E will
not be detected by the MT9072.
Table 71 - Receive Bit Oriented Message Match Register(Y08) (T1)
Bit
Name
Functional Description
15-8
#
not used.
7-0
RXIDC
7-0
(0)
Receive Idle Code. This is the idle code that is sent on the DSTo channels if the per timeslot
control bit MPDR is set(Y90-YA7).
Table 72 - Receive Idle Code Register(Y09) (T1)
Bit
Name
Functional Description
15-8
#
not used.
7-0
TXIDC
7-0
(0)
Transmit Idle Code. This is the idle code that is sent on the PCM24 channels if the per timeslot
control bit MPDT is set(Y90-YA7).
Table 73 - Transmit Idle Code Register(Y0A) (T1)
Bit
Name
Functional Description
15-10
#
not used.
9-5
CST(4:0)
(00000)
CST Map Channel. This is the CSTi/o channel which will be used as a source/destination to
be mapped to the PCM24 channel. The possible values are 0 to 23 for channels 0 to 23 of the
CSTi/o streams.
4-0
PCM(4:0)
(00000)
PCM Map Channel. This is the PCM24 timeslot which will be used as a source/destination to
be mapped to the CSTi/o channel. The possible values are 0 to 23 for timeslots 0 to 23 of the
PCM24 stream.
Table 74 - Common Channel Signaling Map Register(Y0B) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com