Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 127 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 127 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 123Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 124Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 125Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 126Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 127Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 128Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 129Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 130Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 131Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 275 page
background image
MT9072
Data Sheet
127
Zarlink Semiconductor Inc.
2LLDD
(0)
Line Loopback Disable Detect. This bit will be set when a framed or unframed repeating
pattern of 001 has been detected during a 48 millisecond interval. Up to fifteen errors are
permitted per integration period. Note that the code detected is dependent on Receive
Loopback Deactivate Code Match (YF0).
1
T1DRR
(0)
T1DM Received R bit. This bit is used for AT&T 8 KB/s communications channel. This bit
will be received in bit 1 of timeslot 24 of the receive PCM24 stream in T1DM mode.
0T1DRY
T1DM Received Yellow Alarm. If this bit is 0 a T1DM yellow alarm has been detected in bit
2 of timeslot 24 of the receive PCM24 stream in T1DM mode.
Bit
Name
Functional Description
15-3
#
not used.
2
1SEC
One Second Timer Status. This bit changes state once every 1 second.
1
2SEC
Two Second Timer Status. This bit changes state once every 2 seconds and is
synchronous with the 1 SEC timer.
0
#
not used.
Table 80 - Timer Status Word(Y11) (T1)
Bit
Name
Functional Description
15-10
#
not used.
9RxBOM
Bit Oriented Message Received. This bit is set when a Received Bit Oriented
Message is received.
8
RxBOMM
Receive Bit Oriented Match. This bit is set if there is a match between the Received
Bit Oriented Message and Receive Bit oriented Match register.
7 - 0
RxBOM7 - 0
Receive Bit Oriented Message. This is the bit oriented message received. This
register is updated after 8 out of 10 messages are received.
Table 81 - Receive Bit Oriented Message(Y12) (T1)
Bit
Name
Functional Description
Table 79 - Synchronization and Alarm Status Word(Y10) (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com