Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 198 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 198 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 194Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 195Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 196Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 197Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 198Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 199Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 200Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 201Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 202Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 275 page
background image
MT9072
Data Sheet
198
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CEL15
CEL14
CEL13
CEL12
CEL11
CEL10
CEL9
CEL8
CEL7
CEL6
CEL5
CEL4
CEL3
CEL2
CEL1
CEL0
CRC-4 Error Count Latch. These bits make up a latch which samples the current value
of the CRC-4 Error Counter (address Y19) on the rising edge of the internal one second
timer (ONESEC register address Y11). This latch is cleared with a RESET (RESET pin
or RST bit). CEL0 is the least significant bit (LSB).
Table 175 - CRC-4 Error Count Latch (R/W Address Y2A) (E1)
Bit
Name
Functional Description
15
14
13
12
11
10
9
8
BEL7
BEL6
BEL5
BEL4
BEL3
BEL2
BEL1
BEL0
Frame Alignment Signal (FAS) Bit Error Count Latch. These bits make up a latch which
samples the current value of the Frame Alignment Signal (FAS) Bit Error Counter (upper
byte of address Y1A) on the rising edge of the internal one second timer (ONESEC
register address Y11). This latch is cleared with a RESET (RESET pin or RST bit). BEL0 is
the least significant bit (LSB).
7
6
5
4
3
2
1
0
FEL7
FEL6
FEL5
FEL4
FEL3
FEL2
FEL1
FEL0
Frame Alignment Signal (FAS) Error Count Latch. These bits make up a latch which
samples the current value of the Frame Alignment Signal (FAS) Error Counter (lower byte
of address Y1A) on the rising edge of the internal one second timer (ONESEC register
address Y11). This latch is cleared with a RESET (RESET pin or RST bit). FEL0 is the
least significant bit (LSB).
Table 176 - Frame Alignment Signal (FAS) Error Count Latch (R/W Address Y2B) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com