Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 201 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 201 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 197Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 198Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 199Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 200Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 201Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 202Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 203Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 204Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 205Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 275 page
background image
MT9072
Data Sheet
201
Zarlink Semiconductor Inc.
4
CEFSI
Consecutively Errored Frame Alignment Signal Interrupt. This bit is one when the
corresponding latched status bit (CEFSL, register address Y24) is set, and the corresponding
mask bit is unmasked (CEFSM, register address Y44). This bit is cleared when either this
register, or the latched status register is read.
3RFAILI
Remote CRC-4 Multiframe Generator/Detector Failure Interrupt. This bit is one when the
corresponding latched status bit (RFAILL, register address Y24) is set, and the corresponding
mask bit is unmasked (RFAILM, register address Y44). This bit is cleared when either this
register, or the latched status register is read.
2
CSYNCI Receive CRC-4 Synchronization Interrupt. This bit is one when the corresponding latched
status bit (CSYNCL, register address Y24) is set, and the corresponding mask bit is
unmasked (CSYNCM, register address Y44). This bit is cleared when either this register, or
the latched status register is read.
1
MSYNCI Receive Multiframe Alignment Interrupt. This bit is one when the corresponding latched
status bit (MSYNCL, register address Y24) is set, and the corresponding mask bit is
unmasked (MSYNCM, register address Y44). This bit is cleared when either this register, or
the latched status register is read.
0
BSYNCI
Receive Basic Frame Alignment Interrupt. This bit is one when the corresponding latched
status bit (BSYNCL, register address Y24) is set, and the corresponding mask bit is
unmasked (BSYNCM, register address Y44). This bit is cleared when either this register, or
the latched status register is read.
Bit
Name
Functional Description
15
#
not used.
14
SLOI
Loss of Sync Counter Overflow Interrupt. This bit is one when the corresponding latched
status bit (SLOL, register address Y25) is set, and the corresponding mask bit is unmasked
(SLOM, register address Y45). This bit is cleared when either this register, or the latched
status register is read.
13
FEOI
Frame Alignment Signal (FAS) Error Counter Overflow Interrupt. This bit is one when the
corresponding latched status bit (FEOL, register address Y25) is set, and the corresponding
mask bit is unmasked (FEOM, register address Y45). This bit is cleared when either this
register, or the latched status register is read.
12
FEII
Frame Alignment Signal (FAS) Error Counter Indication Interrupt. This bit is one when
the corresponding latched status bit (FEIL, register address Y25) is set, and the
corresponding mask bit is unmasked (FEIM, register address Y45). This bit is cleared when
either this register, or the latched status register is read.
11
BEOI
Frame Alignment Signal (FAS) Bit Error Counter Overflow Interrupt. This bit is one when
the corresponding latched status bit (BEOL, register address Y25) is set, and the
corresponding mask bit is unmasked (BEOM, register address Y45). This bit is cleared when
either this register, or the latched status register is read.
Table 179 - Counter Indication and Counter Overflow Interrupt Status Register (Address Y35) (E1)
Bit
Name
Functional Description
Table 178 - Sync, CRC-4 Remote, Alarms, MAS and Phase Interrupt Status Register (Address Y34) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com