Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 59 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 55Page - STMicroelectronics LSM330 Datasheet HTML 56Page - STMicroelectronics LSM330 Datasheet HTML 57Page - STMicroelectronics LSM330 Datasheet HTML 58Page - STMicroelectronics LSM330 Datasheet HTML 59Page - STMicroelectronics LSM330 Datasheet HTML 60Page - STMicroelectronics LSM330 Datasheet HTML 61Page - STMicroelectronics LSM330 Datasheet HTML 62Page - STMicroelectronics LSM330 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
DocID023426 Rev 3
59/75
LSM330
Register description
75
8.53
OUTS2 (7Fh)
Output flags on axis for interrupt SM2 management register (r).
Read action of this register, depending on the flag will affect SM2 interrupt functions.
8.54
PEAK2 (1Ah)
Peak detection value register for state machine 2 operation register (r).
Peak detected value for next condition SM2.
8.55
DES2 (78h)
Decimation counter value register for SM2 operation (w).
8.56
WHO_AM_I_G (0Fh)
Who am I angular rate sensor register (r)
Table 95. OUTS2 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 96. OUTS2 register description
P_X
0 = X + not shown, 1 =X+ shown. Default value: 0
N_X
0 = X - not shown, 1 = X – shown. Default value: 0
P_Y
0 = Y + not shown, 1 =Y+ shown. Default value: 0
N_Y
0 = Y - not shown, 1 = Y – shown. Default value: 0
P_Z
0 = Z + not shown, 1 = Z+ shown. Default value: 0
N_Z
0 = Z - not shown, 1 = Z – shown. Default value: 0
P_V
0 = V + not shown, 1 = V + shown. Default value: 0
N_V
0 = V - not shown, 1 = V – shown. Default value: 0
Table 97. PEAK2 default values
00000000
Table 98. DES2 default values
00000000
Table 99. WHO_AM_I_G register
11010100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com