Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 62 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 58Page - STMicroelectronics LSM330 Datasheet HTML 59Page - STMicroelectronics LSM330 Datasheet HTML 60Page - STMicroelectronics LSM330 Datasheet HTML 61Page - STMicroelectronics LSM330 Datasheet HTML 62Page - STMicroelectronics LSM330 Datasheet HTML 63Page - STMicroelectronics LSM330 Datasheet HTML 64Page - STMicroelectronics LSM330 Datasheet HTML 65Page - STMicroelectronics LSM330 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
Register description
LSM330
62/75
DocID023426 Rev 3
8.59
CTRL_REG3_G (22h)
Angular rate sensor control register 3 (r/w).
Table 107. High-pass filter cutoff frequency configuration [Hz](1)
1. Values in the table are indicative and can vary proportionally with the specific ODR value.
HPCF[3:0]
ODR=95 Hz
ODR=190 Hz
ODR=380 Hz
ODR=760 Hz
0000
7.2
13.5
27
51.4
0001
3.5
7.2
13.5
27
0010
1.8
3.5
7.2
13.5
0011
0.9
1.8
3.5
7.2
0100
0.45
0.9
1.8
3.5
0101
0.18
0.45
0.9
1.8
0110
0.09
0.18
0.45
0.9
0111
0.045
0.09
0.18
0.45
1000
0.018
0.045
0.09
0.18
1001
0.009
0.018
0.045
0.09
Table 108. CTRL_REG3_G register
I1_Int1
I1_Boot
H_Lactive
PP_OD
I2_DRDY
I2_WTM
I2_ORun
I2_Empty
Table 109. CTRL_REG3_G description
I1_Int1
Interrupt enable on INT1_G pin. Default value: 0. (0: Disable; 1: Enable)
I1_Boot
Boot status available on INT1_G. Default value: 0. (0: Disable; 1: Enable)
H_Lactive
Interrupt active configuration on INT1_G. Default value: 0. (0: High; 1: Low)
PP_OD
Push-pull / Open drain. Default value: 0. (0: Push-pull; 1: Open drain)
I2_DRDY
Date ready on DRDY_G/INT2_G. Default value: 0. (0: Disable; 1: Enable)
I2_WTM
FIFO watermark interrupt on DRDY_G/INT2_G. Default value: 0.
(0: Disable; 1: Enable)
I2_ORun
FIFO overrun interrupt on DRDY_G/INT2_G Default value: 0. (0: Disable; 1: Enable)
I2_Empty
FIFO empty interrupt on DRDY_G/INT2_G. Default value: 0. (0: Disable; 1: Enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com