Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 73 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 67Page - STMicroelectronics LSM330 Datasheet HTML 68Page - STMicroelectronics LSM330 Datasheet HTML 69Page - STMicroelectronics LSM330 Datasheet HTML 70Page - STMicroelectronics LSM330 Datasheet HTML 71Page - STMicroelectronics LSM330 Datasheet HTML 72Page - STMicroelectronics LSM330 Datasheet HTML 73Page - STMicroelectronics LSM330 Datasheet HTML 74Page - STMicroelectronics LSM330 Datasheet HTML 75Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
DocID023426 Rev 3
73/75
LSM330
Package information
75
Figure 24. LGA (3.5x3x1 mm) 24-lead drawing
Table 143. LGA (3.5x3x1 mm) 24-lead mechanical data
Dim.
mm
Min.
Typ.
Max.
A1
1.000
1.027
A3
0.130
D1
2.850
3.000
3.150
E1
3.350
3.500
3.650
L1
2.960
3.010
3.060
L2
1.240
1.290
1.340
N1
0.165
0.215
0.265
P2
0.200
0.250
0.300
a
45°
T1
0.300
0.350
0.400
T2
0.180
0.230
0.280
M
0.100
K
0.050
8379971_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com