Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 30 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 26Page - STMicroelectronics LSM330 Datasheet HTML 27Page - STMicroelectronics LSM330 Datasheet HTML 28Page - STMicroelectronics LSM330 Datasheet HTML 29Page - STMicroelectronics LSM330 Datasheet HTML 30Page - STMicroelectronics LSM330 Datasheet HTML 31Page - STMicroelectronics LSM330 Datasheet HTML 32Page - STMicroelectronics LSM330 Datasheet HTML 33Page - STMicroelectronics LSM330 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
Application hints
LSM330
30/75
DocID023426 Rev 3
5
Application hints
Figure 14. LSM330 electrical connections
5.1
External capacitors
The device core is supplied through the Vdd line. Power supply decoupling capacitors (C2,
C3=100 nF ceramic, C4=10 μF Al) should be placed as near as possible to the supply pin of
the device (common design practice).
All voltage and ground supplies must be present at the same time to achieve proper
behavior of the IC (refer to Figure 14).
RES
RES
RES
RES
(TOP VIEW)
1
3
1
6
18
SCL_A/G
VDD_IO
SDA/SDI_A/G
SDO_G
10nF(25V)
*C1
100 nF
GND
GND
10 μF
C3
C4
Vdd
Vdd_IO
GND
100 nF
C2
GND
GND
* C1 must guarantee 1 nF value under
11 V bias condition
Vdd_IO
I2C configuration
SCL
SDA
Rpu= 10kOhm
Rpu
Pull-up to be added
AM14726V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com