Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 27 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 23Page - STMicroelectronics LSM330 Datasheet HTML 24Page - STMicroelectronics LSM330 Datasheet HTML 25Page - STMicroelectronics LSM330 Datasheet HTML 26Page - STMicroelectronics LSM330 Datasheet HTML 27Page - STMicroelectronics LSM330 Datasheet HTML 28Page - STMicroelectronics LSM330 Datasheet HTML 29Page - STMicroelectronics LSM330 Datasheet HTML 30Page - STMicroelectronics LSM330 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
DocID023426 Rev 3
27/75
LSM330
Functionality
75
4.3.6
Stream-to-FIFO mode
In Stream-to-FIFO mode, data from yaw, pitch and roll measurements are stored in the
FIFO. A watermark interrupt can be enabled on the pin DRDY_G/INT2_G, setting the
I2_WTM bit in CTRL_REG3_G (22h) in order to be raised when the FIFO is filled to the level
specified by the WTM [4:0] bits of FIFO_CTRL_REG_G (2Eh). The FIFO continues filling
until it's full (32 slots of 16-bit data for yaw, pitch and roll). When full, the FIFO discards the
older data as the new data arrive. Once a trigger event occurs (related to INT1_CFG_G
(30h) register events), the FIFO starts operating in FIFO mode. Refer to the following figure.
Figure 11. Stream-to-FIFO mode
4.3.7
Retrieving data from FIFO
FIFO data is read from OUT_X_L_G (28h), OUT_X_H_G (29h) and OUT_Y_L_G (2Ah),
OUT_Y_H_G (2Bh) and OUT_Z_L_G (2Ch), OUT_Z_H_G (2Dh). When the FIFO is in
Stream, Stream-to-FIFO or FIFO mode, a read from the OUT_X_L_G (28h), OUT_X_H_G
(29h), OUT_Y_L_G (2Ah), OUT_Y_H_G (2Bh) and OUT_Z_L_G (2Ch), OUT_Z_H_G (2Dh)
registers provides the data stored in the FIFO.
Each time data is read from the FIFO, the oldest pitch, roll and yaw data are placed in the
OUT_X_L_G (28h), OUT_X_H_G (29h), OUT_Y_L_G (2Ah), OUT_Y_H_G (2Bh) and
OUT_Z_L_G (2Ch), OUT_Z_H_G (2Dh) registers and both single read and read_burst (X, Y
and Z with autoincremental address) operations can be used. When data included in
OUT_Z_H_G (2Dh) is read, the system restarts to read information from OUT_X_L_G
(28h).
x0
y
z0
y0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,z i
Stream Mode
FIFO Mode
Trigger event
x0
y0
z0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,z i
x30
y30
z30
AM07236v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com