Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 47 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 43Page - STMicroelectronics LSM330 Datasheet HTML 44Page - STMicroelectronics LSM330 Datasheet HTML 45Page - STMicroelectronics LSM330 Datasheet HTML 46Page - STMicroelectronics LSM330 Datasheet HTML 47Page - STMicroelectronics LSM330 Datasheet HTML 48Page - STMicroelectronics LSM330 Datasheet HTML 49Page - STMicroelectronics LSM330 Datasheet HTML 50Page - STMicroelectronics LSM330 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
DocID023426 Rev 3
47/75
LSM330
Register description
75
8.9
OFF_Z (12h)
Offset correction z-axis register, signed value (r/w).
8.10
CS_X (13h)
Constant shift signed value x-axis register (r/w).
8.11
CS_Y (14h)
Constant shift signed value y-axis register (r/w).
8.12
CS_Z (15h)
Constant shift signed value z-axis register (r/w).
8.13
LC_L (16h) and LC_H (17h)
16-bit long-counter register for interrupt state machine programs timing (r/w)
01h = counting stopped, 00h = counter full: interrupt available and counter is set to default
values higher than 00h: counting
Table 32. OFF_Z default values
00000000
Table 33. CS_X default values
00000001
Table 34. CS_Y default values
00000001
Table 35. CS_Z default values
00000001
Table 36. LC_L default values
00000001
Table 37. LC_H default values
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com