Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 21Page - STMicroelectronics LSM330 Datasheet HTML 22Page - STMicroelectronics LSM330 Datasheet HTML 23Page - STMicroelectronics LSM330 Datasheet HTML 24Page - STMicroelectronics LSM330 Datasheet HTML 25Page - STMicroelectronics LSM330 Datasheet HTML 26Page - STMicroelectronics LSM330 Datasheet HTML 27Page - STMicroelectronics LSM330 Datasheet HTML 28Page - STMicroelectronics LSM330 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
DocID023426 Rev 3
25/75
LSM330
Functionality
75
4.3.2
Bypass mode
In Bypass mode, the FIFO is not operational and for this reason it remains empty. As
described in the next figure, for each channel only the first address is used. The remaining
FIFO slots are empty. When new data is available the previous data is overwritten.
Figure 7. Bypass mode
4.3.3
FIFO mode
In FIFO mode, data from the yaw, pitch and roll channels are stored in the FIFO. A
watermark interrupt can be enabled (I2_WTM bit in CTRL_REG3_G (22h)) in order to be
raised when the FIFO is filled to the level specified by the WTM[4:0] bits of the
FIFO_CTRL_REG_G (2Eh) register. The FIFO continues filling until it is full (32 slots of 16-
bit data for yaw, pitch and roll). When full, the FIFO stops collecting data from the input
channels. To restart collecting data FIFO_CTRL_REG_G (2Eh) must be written back to
Bypass mode. FIFO mode is represented in the following figure.
Figure 8. FIFO mode
x 0
y
z0
y0
x 1
y 1
z1
x 2
y 2
z2
x 31
y 31
z31
xi,yi,z i
empty
AM07231v1
x 0
y
z0
y0
x 1
y1
z1
x 2
y2
z2
x 31
y31
z31
xi,yi,z i
AM07232v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com