Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 50 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 46Page - STMicroelectronics LSM330 Datasheet HTML 47Page - STMicroelectronics LSM330 Datasheet HTML 48Page - STMicroelectronics LSM330 Datasheet HTML 49Page - STMicroelectronics LSM330 Datasheet HTML 50Page - STMicroelectronics LSM330 Datasheet HTML 51Page - STMicroelectronics LSM330 Datasheet HTML 52Page - STMicroelectronics LSM330 Datasheet HTML 53Page - STMicroelectronics LSM330 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 75 page
background image
Register description
LSM330
50/75
DocID023426 Rev 3
Other configurations are not used.
8.24
FIFO_SRC_REG_A (2Fh)
Linear acceleration sensor FIFO source control register (r).
8.25
CTRL_REG2_A (21h)
State machine 1 control register (r/w).
Table 46. FIFO_CTRL_REG_A register description
FMODE [2:0]
FIFO mode selection. Default value: 000 (see Table 47)
WTMP [4:0]
FIFO threshold. Watermark level setting. FIFO depth if the watermark is enabled
Table 47. FIFO mode configuration
FMODE2
FMODE1
FMODE0
FIFO mode
0
0
0
Bypass mode
0
0
1
FIFO mode
0
1
0
Stream mode
0
1
1
Stream-to-FIFO mode
1
0
0
Bypass-to-Stream mode
Table 48. FIFO_SRC_REG_A register
WTM
OVRN_
FIFO
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
Table 49. IFO_SRC_REG_A register description
WTM
Watermark status.
0 = FIFO filling is lower than WTM level; 1 = FIFO filling is equal or higher than
WTM level
OVRN_FIFO
Overrun bit status. 0 = FIFO is not completely filled; 1 = FIFO is completely filled
EMPTY
FIFO empty bit.
0 = FIFO not empty; 1 = FIFO empty)
FSS [4:0]
FIFO stored data level
Table 50. CTRL_REG2_A register
HYST2_1
HYST1_1
HYST0_1
-
SM1_PIN
-
-
SM1_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com