Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 70 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 66Page - STMicroelectronics LSM330 Datasheet HTML 67Page - STMicroelectronics LSM330 Datasheet HTML 68Page - STMicroelectronics LSM330 Datasheet HTML 69Page - STMicroelectronics LSM330 Datasheet HTML 70Page - STMicroelectronics LSM330 Datasheet HTML 71Page - STMicroelectronics LSM330 Datasheet HTML 72Page - STMicroelectronics LSM330 Datasheet HTML 73Page - STMicroelectronics LSM330 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 75 page
background image
Register description
LSM330
70/75
DocID023426 Rev 3
8.78
INT1_DURATION_G (38h)
Angular rate sensor interrupt duration register (r/w).
D6 - D0 bits set the minimum duration of the interrupt event to be recognized. Duration
steps and maximum values depend on the ODR chosen.
WAIT bit has the following meaning:
Wait = ’0’: the interrupt falls immediately if signal crosses the selected threshold
Wait = ’1’: if the signal crosses the selected threshold, the interrupt falls only after the
duration has counted the number of samples at the selected data rate, written into the
duration counter register.
Figure 22. Wait disabled
Table 141. INT1_DURATION_G register
WAIT
D6
D5
D4
D3
D2
D1
D0
Table 142. INT1_DURATION_G description
WAIT
WAIT enable. Default value: 0 (0: disable; 1: enable)
D [6:0]
Duration value. Default value: 000 0000
• Wait bit = ‘0’
Interrupt disabled as soon as condition
is no longer valid (ex: Rate value below threshold)
Rate
(dps)
Rate
Threshold
0
t(n)
t(n)
t(n)
Interrupt
Counter
Duration
Value
“Wait”
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com