Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 44 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 40Page - STMicroelectronics LSM330 Datasheet HTML 41Page - STMicroelectronics LSM330 Datasheet HTML 42Page - STMicroelectronics LSM330 Datasheet HTML 43Page - STMicroelectronics LSM330 Datasheet HTML 44Page - STMicroelectronics LSM330 Datasheet HTML 45Page - STMicroelectronics LSM330 Datasheet HTML 46Page - STMicroelectronics LSM330 Datasheet HTML 47Page - STMicroelectronics LSM330 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
Register description
LSM330
44/75
DocID023426 Rev 3
8.3
CTRL_REG5_A (20h)
Linear acceleration sensor control register 5 (r/w)
ODR [3:0] is used to set power mode, ODR selection. The following table lists all
frequencies available.
The BDU bit is used to inhibit the update of the output registers until both upper and lower
registers are read. In default mode (BDU=’0’) the output register values are updated
continuously. If for any reason it is not sure to read faster than the output data rate it is
recommended to set the BDU bit to ‘1’. In this way the content of output register is not
updated until both MSB and LSB are read, avoiding to read values related to different
sample times.
Table 21. CTRL_REG5_A register
ODR3
ODR2
ODR1
ODR0
BDU
ZEN
YEN
XEN
Table 22. CTRL_REG5_A register description
ODR [3:0]
Output data rate & power mode selection. Default value:0000 (see Table 23)
BDU
Block Data Update. Default value: 0
0:continuous update,1:output registers not updated until MSB and LSB read
Zen
Z-axis enable. Default value: 1
(0: Z-axis disabled; 1: Z-axis enabled)
Yen
Y-axis enable. Default value:1
(0:Y axis disabled; 1: Y-axis enabled)
Xen
X-axis enable. Default value:1
(0: X-axis disabled;1: X-axis enabled)
Table 23. CTRL_REG5_A output data rate selection
ODR3
ODR2
ODR1
ODR0
ODR selection
0000
Power-down
0001
3.125 Hz
0010
6.25 Hz
0011
12.5 Hz
010025 Hz
010150 Hz
0110
100 Hz
0111
400 Hz
1000
800 Hz
1001
1600 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com