Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 69 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 65Page - STMicroelectronics LSM330 Datasheet HTML 66Page - STMicroelectronics LSM330 Datasheet HTML 67Page - STMicroelectronics LSM330 Datasheet HTML 68Page - STMicroelectronics LSM330 Datasheet HTML 69Page - STMicroelectronics LSM330 Datasheet HTML 70Page - STMicroelectronics LSM330 Datasheet HTML 71Page - STMicroelectronics LSM330 Datasheet HTML 72Page - STMicroelectronics LSM330 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
DocID023426 Rev 3
69/75
LSM330
Register description
75
8.74
INT1_THS_YH _G (34h)
Angular rate sensor interrupt threshold y-axis high register (r/w).
8.75
INT1_THS_YL_G (35h)
Angular rate sensor interrupt threshold y-axis low register (r/w).
8.76
INT1_THS_ZH_G (36h)
Angular rate sensor interrupt threshold z-axis high register (r/w).
8.77
INT1_THS_ZL_G (37h)
Angular rate sensor interrupt threshold z-axis low register (r/w).
Table 133. INT1_THS_YH_G register
-
THSY14
THSY13
THSY12
THSY11
THSY10
THSY9
THSY8
Table 134. INT1_THS_YH_G description
THSY [14:8]
Interrupt threshold. Default value: 000 0000
Table 135. INT1_THS_YL_G register
THSY7
THSY6
THSY5
THSY4
THSY3
THSY2
THSY1
THSY0
Table 136. INT1_THS_YL_G description
THSY [7:0]
Interrupt threshold. Default value: 0000 0000
Table 137. INT1_THS_ZH_G register
-
THSZ14
THSZ13
THSZ12
THSZ11
THSZ10
THSZ9
THSZ8
Table 138. INT1_THS_ZH_G description
THSZ [14:8]
Interrupt threshold. Default value: 000 0000
Table 139. INT1_THS_ZL_G register
THSZ7
THSZ6
THSZ5
THSZ4
THSZ3
THSZ2
THSZ1
THSZ0
Table 140. INT1_THS_ZL_G description
THSZ [7:0]
Interrupt threshold. Default value: 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com