Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 8Page - STMicroelectronics LSM330 Datasheet HTML 9Page - STMicroelectronics LSM330 Datasheet HTML 10Page - STMicroelectronics LSM330 Datasheet HTML 11Page - STMicroelectronics LSM330 Datasheet HTML 12Page - STMicroelectronics LSM330 Datasheet HTML 13Page - STMicroelectronics LSM330 Datasheet HTML 14Page - STMicroelectronics LSM330 Datasheet HTML 15Page - STMicroelectronics LSM330 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
Block diagram and pin description
LSM330
12/75
DocID023426 Rev 3
1.2
Pin description
Figure 2. Pin connections
1
X
6
13
18
RES
RES
RES
RES
SCL_A/G
VDD_IO
SDA/SDI_A/G
SDO_G
(BOTTOM VIEW)
1
X
+Ω
Z
+Ω
X
+Ω
Y
Y
1
X
Z
DIRECTION OF
DETECTABLE
ACCELERATIONS
DIRECTION OF
DETECTABLE
ANGULAR RATES
Z
Y
X
AM14724V1
Table 2. Pin description
Pin #
Name
Function
1
Vdd_IO(1)
Power supply for IO pins
2
SCL_A/G
I2C serial clock (SCL)/SPI serial port clock (SPC)
3
Vdd_IO(1)
Power supply for IO pins
4
SDA/SDI_A/G
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
5
SDO_G
Gyroscope:
SPI serial data output (SDO)
I2C least significant bit of the device address (SA0)
6
SDO_A
Accelerometer:
SPI serial data output (SDO)
I2C least significant bit of the device address (SA0)
7
CS_G
Gyroscope: SPI enable
I2C/SPI mode selection (1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled)
8
CS_A
Accelerometer: SPI enable
I2C/SPI mode selection (1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled)
9
DRDY_G/
INT2_G
Gyroscope Data Ready/FIFO Interrupt (Watermark/Overrun/Empty)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com