Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 38 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 34Page - STMicroelectronics LSM330 Datasheet HTML 35Page - STMicroelectronics LSM330 Datasheet HTML 36Page - STMicroelectronics LSM330 Datasheet HTML 37Page - STMicroelectronics LSM330 Datasheet HTML 38Page - STMicroelectronics LSM330 Datasheet HTML 39Page - STMicroelectronics LSM330 Datasheet HTML 40Page - STMicroelectronics LSM330 Datasheet HTML 41Page - STMicroelectronics LSM330 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
Digital interfaces
LSM330
38/75
DocID023426 Rev 3
6.2.3
SPI read in 3-wire mode
3-wire mode is entered by setting the SIM bits to ‘1’ (SPI serial interface mode selection) in
the CTRL_REG6_A (24h) and CTRL_REG4_G (23h).
Figure 20. SPI read protocol in 3-wire mode
Note:
Data on CS, SPC, SDI and SDO refer to pins: CS_A, CS_G, SCL_A/G, SDA_A/G, SDO_A /
SDO_G.
The SPI read command is performed with 16 clock pulses:
bit 0: READ bit. The value is 1.
bit 1: MS bit. When 0, does not increment the address; when 1, increments the address in
multiple reads.
bit 2-7: address AD(5:0). This is the address field of the indexed register.
bit 8-15: data DO(7:0) (Read mode). This is the data that will be read from the device (MSb
first).
A multiple read command is also available in 3-wire mode.
CS
SPC
SDI/O
RW
D O7D O6 D O5DO4 DO3DO2 DO1DO0
AD5 AD 4 AD 3 AD2 AD1
AD 0
MS
AM10134V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com