Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 48 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 44Page - STMicroelectronics LSM330 Datasheet HTML 45Page - STMicroelectronics LSM330 Datasheet HTML 46Page - STMicroelectronics LSM330 Datasheet HTML 47Page - STMicroelectronics LSM330 Datasheet HTML 48Page - STMicroelectronics LSM330 Datasheet HTML 49Page - STMicroelectronics LSM330 Datasheet HTML 50Page - STMicroelectronics LSM330 Datasheet HTML 51Page - STMicroelectronics LSM330 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
Register description
LSM330
48/75
DocID023426 Rev 3
8.14
STAT (18h)
Interrupt synchronization register (r).
8.15
VFC_1 (1Bh)
Vector coefficient register 1 for DIff filter (r/w).
8.16
VFC_2 (1Ch)
Vector coefficient register 2 for DIff filter (r/w).
Table 38. STAT register
LONG
SYNCW
SYNC1
SYNC2
INT_SM1
INT_SM2
DOR
DRDY
Table 39. STAT register description
LONG
LC interrupt flag.
0 = no interrupt; 1 = Long Counter (LC) interrupt flag common for both SM
SYNCW
Synchronization for external host controller interrupt based on output data
0 = no action waiting from host; 1 = action from host based on output data
SYNC1
0 = SM1 running normally; 1 = SM1 stopped and wait restart request from SM2
SYNC2
0 = SM2 running normally; 1 = SM2 stopped and wait restart request from SM1
INT_SM1
SM1- interrupt selection.
1 = SM1 interrupt generated; 0 = SM1 interrupt not generated
NT_SM2
SM2- interrupt selection.
1= SM2 interrupt generated; 0 = SM2 interrupt not generated
DOR
Data overrun indicates data not read from output register when the measurement of
the next data samples starts. 0 = no overrun; 1 = data overrun
data overrun bit is reset when next sample is ready
DRDY
data ready from output register.
0 = data not ready; 1 = data ready
Table 40. VFC_1 default values
00000000
Table 41. VFC_2 default values
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com