Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 1 Page - STMicroelectronics

  LSM330 Datasheet HTML 1Page - STMicroelectronics LSM330 Datasheet HTML 2Page - STMicroelectronics LSM330 Datasheet HTML 3Page - STMicroelectronics LSM330 Datasheet HTML 4Page - STMicroelectronics LSM330 Datasheet HTML 5Page - STMicroelectronics LSM330 Datasheet HTML 6Page - STMicroelectronics LSM330 Datasheet HTML 7Page - STMicroelectronics LSM330 Datasheet HTML 8Page - STMicroelectronics LSM330 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
This is information on a product in full production.
December 2013
DocID023426 Rev 3
1/75
LSM330
iNEMO inertial module:
3D accelerometer and 3D gyroscope
Datasheet
- production data
Features
 Analog supply voltage: 2.4 V to 3.6 V
 Digital supply voltage IOs: 1.8 V
 Power-down and sleep modes
 2 embedded programmable state machines
 3 independent acceleration channels and 3
angular rate channels
 ±2/±4/±6/±8/±16 g selectable full scale
 ±250/±500/±2000 dps selectable full scale
 SPI/I2C serial interface
 Embedded temperature sensor
 Embedded FIFO
 ECOPACK® RoHS and “Green” compliant
Applications
 GPS navigation systems
 Impact recognition and logging
 Gaming and virtual reality input devices
 Motion-activated functions
 Intelligent power saving for handheld devices
 Vibration monitoring and compensation
 Free-fall detection
 6D orientation detection
Description
The LSM330 is a system-in-package featuring a
3D digital accelerometer with two embedded state
machines that can be programmed to implement
autonomous applications and a 3D digital
gyroscope.
ST’s family of MEMS sensor modules leverages
the robust and mature manufacturing processes
already used for the production of micromachined
accelerometers and gyroscopes.
The various sensing elements are manufactured
using specialized micromachining processes,
while the IC interfaces are developed using
CMOS technology that allows the design of a
dedicated circuit which is trimmed to better match
the sensing element characteristics.
The LSM330 has a user-selectable full-scale
acceleration range of ±2/±4/±6/±8/±16 g and an
angular rate range of ±250/±500/±2000 dps. The
accelerometer and gyroscope sensors can be
either activated or separately put in power-down /
sleep mode for applications optimized for power
saving.
The LSM330 is available in a plastic land grid
array (LGA) package.
LGA-24L (3x3.5x1 mm)
Table 1. Device summary
Part
number
Temperature
range [°C]
Package
Packing
LSM330
-40 to +85
LGA-24L
(3x3.5x1mm)
Tray
LSM330TR
-40 to +85
Tape
and reel
www.st.com


Similar Part No. - LSM330

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330D STMICROELECTRONICS-LSM330D Datasheet
1Mb / 66P
Low power mode
30-Aug-2012
LSM330DL STMICROELECTRONICS-LSM330DL Datasheet
1Mb / 54P
Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
19-Jul-2011
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM330DLCTR STMICROELECTRONICS-LSM330DLCTR Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM330DLTR STMICROELECTRONICS-LSM330DLTR Datasheet
1Mb / 54P
Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
19-Jul-2011
More results

Similar Description - LSM330

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29027 INTERSIL-ISL29027 Datasheet
638Kb / 13P
Proximity Sensor with Intelligent Interrupt and Sleep Modes
February 7, 2011
ISL29028A_1103 INTERSIL-ISL29028A_1103 Datasheet
745Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
March 24, 2011
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
March 31, 2011
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
ISL29027IROZ-T7 INTERSIL-ISL29027IROZ-T7 Datasheet
492Kb / 13P
Proximity Sensor with Intelligent Interrupt and Sleep Modes
February 2, 2012
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29027 RENESAS-ISL29027 Datasheet
679Kb / 13P
Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com