Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 43 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 39Page - STMicroelectronics LSM330 Datasheet HTML 40Page - STMicroelectronics LSM330 Datasheet HTML 41Page - STMicroelectronics LSM330 Datasheet HTML 42Page - STMicroelectronics LSM330 Datasheet HTML 43Page - STMicroelectronics LSM330 Datasheet HTML 44Page - STMicroelectronics LSM330 Datasheet HTML 45Page - STMicroelectronics LSM330 Datasheet HTML 46Page - STMicroelectronics LSM330 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
DocID023426 Rev 3
43/75
LSM330
Register description
75
8
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
linear acceleration, angular rate and temperature data. The register addresses, made up of
7 bits, are used to identify them and to write the data through the serial interface.
8.1
WHO_AM_I_A (0Fh)
Who am I linear acceleration sensor register (r)
8.2
CTRL_REG4_A (23h)
Linear acceleration sensor control register 4 (r/w)
Table 18. WHO_AM_I_A register default value
01000000
Table 19. CTRL_REG4_A register
DR_EN
IEA
IEL
INT2_EN
INT1_EN
VFILT
-
STRT
Table 20. CTRL_REG4_A register description
DR_EN
DRDY signal enable on INT1_A. Default value: 0
0 = Data ready signal disabled, 1 = Data ready signal routed to INT1_A
IEA
Interrupt signal polarity. Default value: 0
0 = Interrupt signal active LOW, 1 = Interrupt signal active high
IEL
Interrupt signal latching. Default value: 0
0 = Interrupt signal latched, 1 = Interrupt signal pulsed
INT2_EN
Interrupt 2 enable on INT2_A. Default value: 0
0 = INT2_A signal disabled, 1 = INT2_A signal enable
INT1_EN
Interrupt 1 enable on INT1_A. Default value: 0
0 = INT1_A signal disabled, 1 = INT1_A signal enable
VFILT
Vector filter enable. Default value: 0
0 = Vector filter disabled, 1 = Vector filter enabled
STRT
Soft-reset bit. Default value: 0
0= no soft reset, 1= Soft-reset (POR function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com