Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 34 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 30Page - STMicroelectronics LSM330 Datasheet HTML 31Page - STMicroelectronics LSM330 Datasheet HTML 32Page - STMicroelectronics LSM330 Datasheet HTML 33Page - STMicroelectronics LSM330 Datasheet HTML 34Page - STMicroelectronics LSM330 Datasheet HTML 35Page - STMicroelectronics LSM330 Datasheet HTML 36Page - STMicroelectronics LSM330 Datasheet HTML 37Page - STMicroelectronics LSM330 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
Digital interfaces
LSM330
34/75
DocID023426 Rev 3
the slave. The master can then abort the transfer. A low-to-high transition on the SDA line
while the SCL line is high is defined as a STOP condition. Each data transfer must be
terminated by the generation of a STOP (SP) condition.
In order to read multiple bytes, it is necessary to assert the most significant bit of the sub-
address field. In other words, SUB(7) must be equal to 1 while SUB(6-0) represents the
address of first register to be read.
In the communication format presented, MAK is Master Acknowledge and NMAK is No
Master Acknowledge.
Default address:
The SDO/SA0 pins (SDO_A / SDO_G) can be used to modify the least significant bits of the
device address.The linear acceleration sensor slave address is 00111xxb whereas the xx
bits are modified by the SDO_A pin. If the SDO/A pin is connected to the supply voltage, the
address is 0011101b, otherwise if the SDO/A pin is connected to ground, the address is
0011110b.This solution allows to connect and address two different accelerometers to the
same I2C line.
The angular rate sensor slave address is 110101xb, whereas the x bit is modified by the
SDO/G bit. If the SDO_G pin is connected to the supply voltage, LSb is ‘1’ (address
1101011b), otherwise, if the SDO_G pin is connected to ground, the LSb value is ‘0’
(address 1101010b).
The slave addresses are completed with a Read/Write bit. If the bit was ‘1’ (Read), a
repeated START (SR) condition will have to be issued after the two sub-address bytes. If the
bit is ‘0’ (Write) the master will transmit to the slave with direction unchanged. Table 15 and
Table 16 explain how the SAD+Read/Write bit pattern is composed, listing all the possible
configurations.
Linear acceleration sensor: the default (factory) 7-bit slave address is
00111xxb.
Angular rate sensor: the default (factory) 7-bit slave address is 110101xb.
Table 15. Linear acceleration SAD+Read/Write patterns
Command
SAD[6:2]
SAD[1] = SDO_A
SAD[0] = SDO_A
R/W
SAD+R/W
Read
00111
1
0
1
00111101 (3Dh)
Write
00111
1
0
0
00111100 (3Ch)
Read
00111
0
1
1
00111011 (3Bh)
Write
00111
0
1
0
00111010 (3Ah)
Table 16. Angular rate SAD+Read/Write patterns
Command
SAD[6:1]
SAD[0] = SDO_G
R/W
SAD+R/W
Read
110101
0
1
11010101 (D5h)
Write
110101
0
0
11010100 (D4h)
Read
110101
1
1
11010111 (D7h)
Write
110101
1
0
11010110 (D6h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com