Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 42 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 38Page - STMicroelectronics LSM330 Datasheet HTML 39Page - STMicroelectronics LSM330 Datasheet HTML 40Page - STMicroelectronics LSM330 Datasheet HTML 41Page - STMicroelectronics LSM330 Datasheet HTML 42Page - STMicroelectronics LSM330 Datasheet HTML 43Page - STMicroelectronics LSM330 Datasheet HTML 44Page - STMicroelectronics LSM330 Datasheet HTML 45Page - STMicroelectronics LSM330 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
Register mapping
LSM330
42/75
DocID023426 Rev 3
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
OUT_TEMP_G
Table 15
r
26
010 0110
output
Temperature
data output
STATUS_REG_G
Table 15
r
27
010 0111
output
Status register
OUT_X_L_G
Table 15
r
28
010 1000
output
Angular rate
sensor
output
registers
OUT_X_H_G
Table 15
r
29
010 1001
output
OUT_Y_L_G
Table 15
r
2A
010 1010
output
OUT_Y_H_G
Table 15
r
2B
010 1011
output
OUT_Z_L_G
Table 15
r
2C
010 1100
output
OUT_Z_H_G
Table 15
r
2D
010 1101
output
FIFO_CTRL_REG_G
Table 15
r/w
2E
010 1110
00000000
Angular rate
sensor FIFO
registers
FIFO_SRC_REG_G
Table 15
r
2F
010 1111
output
INT1_CFG_G
Table 15
r/w
30
011 0000
00000000
Angular rate
sensor
interrupt
registers
INT1_SRC_G
Table 15
r/w
31
011 0001
output
INT1_THS_XH_G
Table 15
r/w
32
011 0010
00000000
INT1_THS_XL_G
Table 15
r/w
33
011 0011
00000000
INT1_THS_YH_G
Table 15
r/w
34
011 0100
00000000
INT1_THS_YL_G
Table 15
r/w
35
011 0101
00000000
INT1_THS_ZH_G
Table 15
r/w
36
011 0110
00000000
INT1_THS_ZL_G
Table 15
r/w
37
011 0111
00000000
INT1_DURATION_G
Table 15
r/w
38
011 1000
00000000
Table 17. Register address map (continued)
Name
Slave
address
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com