Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330 Datasheet(PDF) 40 Page - STMicroelectronics

Part # LSM330
Description  Power-down and sleep modes
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LSM330 Datasheet HTML 36Page - STMicroelectronics LSM330 Datasheet HTML 37Page - STMicroelectronics LSM330 Datasheet HTML 38Page - STMicroelectronics LSM330 Datasheet HTML 39Page - STMicroelectronics LSM330 Datasheet HTML 40Page - STMicroelectronics LSM330 Datasheet HTML 41Page - STMicroelectronics LSM330 Datasheet HTML 42Page - STMicroelectronics LSM330 Datasheet HTML 43Page - STMicroelectronics LSM330 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 75 page
background image
Register mapping
LSM330
40/75
DocID023426 Rev 3
OUT_X_L_A
Table 14
r
28
010 1000
output
Linear
acceleration
sensor
output
registers
OUT_X_H_A
Table 14
r
29
010 1001
output
OUT_Y_L_A
Table 14
r
2A
010 1010
output
OUT_Y_H_A
Table 14
r
2B
010 1011
output
OUT_Z_L_A
Table 14
r
2C
010 1100
output
OUT_Z_H_A
Table 14
r
2D
010 1101
output
FIFO_CTRL_REG_A
Table 14
r/w
2E
010 1110
00000000
Linear
acceleration
sensor FIFO
registers
FIFO_SRC_REG_A
Table 14
r
2F
010 1111
output
CTRL_REG2_A
Table 14
r/w
21
010 0001
00000000
SM1 control
register
STx_1
Table 14
r/w
40-4F
100 0000
100 1111
00000000
SM1 code
register (X=1-
16)
TIM4_1
Table 14
r/w
50
101 0000
00000000
SM1 general
timers
TIM3_1
Table 14
r/w
51
101 0001
00000000
TIM2_1
Table 14
r/w
52-53
101 0010
101 0011
00000000
TIM1_1
Table 14
r/w
54-55
101 0100
101 0101
00000000
THRS2_1
Table 14
r/w
56
101 0110
00000000
SM1
threshold
value 1
THRS1_1
Table 14
r/w
57
101 0111
00000000
SM1
threshold
value 2
MASKB_1
Table 14
r/w
59
101 1001
00000000
SM1 axis and
sign mask
MASKA_1
Table 14
r/w
5A
101 1010
00000000
SETT1
Table 14
r/w
5B
101 1011
00000000
SM1 detection
settings
PR1
Table 14
r/w
5C
101 1100
00000000
Program-reset
pointer
TC1
Table 14
r
5D-5E
101 1101
101 1110
00000000
Timer counter
OUTS1
Table 14
r
5F
101 1111
00000000
Main set flag
PEAK1
Table 14
r
19
001 1001
00000000
Peak value
CTRL_REG3_A
Table 14
r/w
22
010 0010
00000000
SM2 control
register
Table 17. Register address map (continued)
Name
Slave
address
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com