Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV1647GSTZWT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV1647GSTZWT
Description  Digital Media System-on-Chip
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV1647GSTZWT Datasheet(HTML) 15 Page - Texas Instruments

Back Button TNETV1647GSTZWT Datasheet HTML 11Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 12Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 13Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 14Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 15Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 16Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 17Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 18Page - Texas Instruments TNETV1647GSTZWT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
2.3.8.5
ARM-DSP Integration
DM6441 ARM and DSP integration features are as follows:
•
DSP visibility from ARM’s memory map, see Section 2.5, Memory Map Summary, for details
•
Boot modes for DSP - see Device Configurations section, Section 3.3.3, DSP Boot, for details
•
ARM control of DSP boot / reset - see Device Configurations section, Section 3.3.2, ARM Boot, for
details
•
ARM control of DSP isolation and powerdown / powerup - see Section 3, Device Configurations, for
details
•
ARM & DSP Interrupts - see Section 6.7.1, ARM CPU Interrupts, and Section 6.7.2, DSP Interrupts, for
details
2.3.9
Peripherals
The ARM9 has access to all of the peripherals on the DM6441 device with the exception of the VICP.
2.3.10 PLL Controller (PLLC)
The ARM subsystem includes the PLL controller. The PLL controller contains a set of registers for
configuring DM6441’s two internal PLLs (PLL1 and PLL2). The PLL controller provides the following
configuration and control:
•
PLL bypass mode
•
Set PLL multiplier parameters
•
Set PLL divider parameters
•
PLL power down
•
Oscillator power down
The PLLs are briefly described in this document in Section 6.6, Clock PLLs. For more detailed information
on the PLLs and PLL Controller register descriptions, see the TMS320DM644x DMSoC ARM Subsystem
Reference Guide (literature number SPRUE14).
2.3.11 Power and Sleep Controller (PSC)
The ARM subsystem includes the power and sleep controller (PSC). Through register settings accessible
by the ARM9, the PSC provides two levels of power savings: peripheral/module clock gating and power
domain shut-off. Brief details on the PSC are given in Section 6.3, Power Supplies. For more detailed
information and complete register descriptions for the PSC, see the TMS320DM644x DMSoC ARM
Subsystem Reference Guide (literature number SPRUE14).
2.3.12 ARM Interrupt Controller (AINTC)
The ARM interrupt controller (AINTC) accepts device interrupts and maps them to either the ARM’s IRQ
(interrupt request) or FIQ (fast interrupt request). The ARM interrupt controller is briefly described in this
document in the Interrupts section. For detailed information on the ARM interrupt controller, see the
TMS320DM644x DMSoC ARM Subsystem Reference Guide (literature number SPRUE14).
2.3.13 System Module
The ARM subsystem includes the system module. The system module consists of a set of registers for
configuring and controlling a variety of system functions. For details and register descriptions for the
system module, see Section 3, Device Configurations, and see the TMS320DM644x DMSoC ARM
Subsystem Reference Guide (literature number SPRUE14).
Copyright © 2006–2010, Texas Instruments Incorporated
Device Overview
15
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com